Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-1500-15 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-1500-15
Description  1500W Single Output Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-1500-15 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  RSP-1500-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-1500-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-1500-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-1500-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3.Output Voltage TRIM
4.Current Sharing
(1)Adjustment of output voltage is possible between 70~100%(Typ.) of the rated output which is shown in Fig. 3.1
(1)Parallel operation is available by connecting the units shown as below
(+S,-S and LS are connected mutually in parallel):
(2)The voltage difference among each output should be minimized that less than 2% is required
(3)The total output current must not exceed the value determined by the following equation
(4) In parallel operation 4 units is the maximum, please consult the manufacture for other
applications
(5) When remote sensing is used in parallel operation, the sensing wire must be connected only
to the master unit
(Output current at parallel operation)=(The rated current per unit) x (Number of unit) x 0.9
File Name:RSP-1500-SPEC 2011- -19
12
(2)Connecting a resistor externally between TRIM and-S on CN1 or CN2 that is shown in Fig. 3.2.
(3)+S & +V, -S & -V also need to be connected on CN1 or CN2.
2.Alarm Signal Output
(1)Alarm signal is sent out through "P OK" & "P OK GND" pins
(2)An external voltage source is required for this function. The maximum applied voltage
is 50V and the maximum sink current is 10mA
(3)Table 2.1 explain the alarm function built-in the power supply
Fig. 2.2 Internal circuit of P OK (Open collector method)
External voltage and R
(The max. Sink is 10mA and 50V)
POK GND
POK
Function
POK
The signal is "Low" when the power supply is
65% of the rated output voltage-Power OK
above
Low
(0.5V max at 10mA)
Description
Output of alarm(P OK)
The signal turns to be "High" when the power supply
is under 65% of the rated output voltage-Power Fail
High or open
(External applied voltage
10mA max.)
R
V
0.1uF
100K
+S
Load
V-
V+
-S
LS
LS
-S
+S
CN1
CN2
No.1(Master)
AC/L AC/N
No.2(Slave)
AC/L AC/N
LS
V-
+S
-S
LS
-S
+S
CN1
CN2
V+
AC/N
AC/L
CN2
-S
V-
LS
CN1
+S
-S
LS
+S
V+
AC/L AC/N
LS
V-
+S
-S
LS
-S
+S
CN1
CN2
V+
No.3(Slave)
No.4(Slave)
+V
-V
+S
-S
1500W Single Output Power Supply
RSP-1500 series
470
0
1.8K
OPEN
70%
80%
90%
100%
Vout
R
Fig. 3.1 External Resistor (Typical)
Fig. 3.2 Output voltage trimming
Table 2.1 Explanation of alarm
R(0.5W)
+S
+V
LOAD
-V
-S
TRIM
-S


Similar Part No. - RSP-1500-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RSP-1500-15 ASTRODYNE-RSP-1500-15 Datasheet
366Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1500-15 MEANWELL-RSP-1500-15 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1500-15 RSG-RSP-1500-15 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1500-15 MEANWELL-RSP-1500-15 Datasheet
301Kb / 4P
   1500W Single Output Power Supply
More results

Similar Description - RSP-1500-15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RSP-1500 RSG-RSP-1500 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_10 Datasheet
325Kb / 4P
   1500W Single Output Power Supply
SE-1500 MEANWELL-SE-1500_11 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP-1500 ASTRODYNE-RSP-1500 Datasheet
366Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_11 Datasheet
334Kb / 4P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
   1500W Single Output Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-1500 MEANWELL-SE-1500_09 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
RSP-1500 MEANWELL-RSP-1500 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com