Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RSP-2400_1112 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part No. RSP-2400_1112
Description  2400W Single Output Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

RSP-2400_1112 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FunctionManual
1.RemoteON/OFF
(1)RemoteON/OFFcontrolbecomesavailablebyapplyingvoltageinCN1&CN2&CN3.
(2)Table1.1showsthespecificationofRemoteON/OFFfunction.
(3)Fig.1.2showstheexampletoconnectRemoteON/OFFcontrolfunction.
FileName:RSP-2400-SPEC2011-12-19
Table1.1SpecificationofRemoteON/OFF
Fig.1.2ExamplesofconnectingremoteON/OFF
ConnectionMethod
SWLogic
Outputon
SWOpen
SWOpen
SWOpen
Fig.1.2(A)
Fig.1.2(B)
Fig.1.2(C)
Outputoff
SWClose
SWClose
SWClose
AUX
12Vtyp.
AUXG
1K
RCG
RC
SW
12V
1K
RC
12Vtyp.
RCG
AUXG
AUX
(A)Usingexternalvoltagesource
(B)Usinginternal12Vauxiliaryoutput
SW
1K
1K
RC
12Vtyp.
AUXG
SW
RCG
(C)Usinginternal12Vauxiliaryoutput
AUX
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
20
40
60
50
80
100
-20
0
10
20
30
40
50
60
70
INPUTVOLTAGE(V)60Hz
100
90
80
70
60
180
185
190
195
200
210
220
230
240
250
264
(HORIZONTAL)
2400WSingleOutputPowerSupply
R S P - 2 4 0 0 series


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn