Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT-50A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RT-50A
Description  50W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RT-50A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RT-50A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RT-50A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
SPECIFICATION
MODEL
RT-50A
RT-50B
RT-50C
RT-50D
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
Note.4
LOADREGULATION
Note.5
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
CH2
-5V
CH3
12V
CH2
-12V
CH3
5V
CH1
5V
CH1
15V
CH2
24V
CH2
-15V
CH3
12V
CH3
5V
CH1
4A
2A
0.5A
2A
0.5A
4A
3A
1.5A
1A
0.5A
1A
4A
0.5~5A
0.2~2.5A 0.1~1A
0.2~2.5A 0.1~1A
0.5~5A
0.5~5A
0.2~2A
0.2~1.5A
0.1~1A
0.1~1A
0.5~5A
46.5W
50W
50W
51W
80mVp-p 120mVp-p 100mVp-p
120mVp-p 120mVp-p 80mVp-p
80mVp-p
120mVp-p
150mVp-p
120mVp-p
120mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
6.0%
2.0%
2.0%
2.0%
6.0%
2.0%
2.0%
+8,-4%
+8,-4%
6.0%
2.0%
0.5%
1.5%
0.5%
0.5%
0.5%
1.5%
0.5%
0.5%
1.5%
2.0%
2.0%
0.5%
1.0%
3.0%
1.0%
1.0%
1.0%
3.0%
1.0%
1.0%
3.0%
3.0%
4.0%
1.0%
500ms,20ms/230VAC1200ms,30ms/115VAC atfullload
60ms/230VAC10ms/115VAC atfullload
88~264VAC125~373VDC (Withstand300VACsurgefor5sec.Withoutdamage)
47~63Hz
77%
78%
80%
77%
CH1:5.75~6.75V
1.3A/115VAC0.8A/230VAC
COLDSTART 36A/230VAC
<2mA /240VAC
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
-25~+70
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
169.2Khrsmin.MIL-HDBK-217F(25
)
99*97*36mm(L*W*H)
FileName:RT-50-SPEC2011-08-19
0.41Kg;45pcs/19.5Kg/0.9CUFT
50W TripleOutputSwitchingPowerSupply
R T- 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note6)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 0% to 100% rated load.
6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
All using 105
long life electrolytic capacitors
Withstand 300VAC surge input for 5 second
High operating temperature up to 70
Withstand 5G vibration test
High efficiency, long life and high reliability
3 years warranty
Features :
CH1
OUTPUTNUMBER
EMCIMMUNITY
EMCEMISSION


Similar Part No. - RT-50A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT-50A ASTRODYNE-RT-50A Datasheet
484Kb / 2P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-50A MEANWELL-RT-50A Datasheet
406Kb / 2P
   50W Triple Output Switching Power Supply
RT-50A MEANWELL-RT-50A Datasheet
415Kb / 2P
   50W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-50A TOTAL-POWER-RT-50A Datasheet
493Kb / 2P
   50W Triple Output Switching Power Supply
More results

Similar Description - RT-50A

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NET-50 TOTAL-POWER-NET-50 Datasheet
434Kb / 2P
   50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-50 MEANWELL-RT-50_10 Datasheet
415Kb / 2P
   50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_10 Datasheet
428Kb / 2P
   50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
   50W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-50 TOTAL-POWER-RT-50 Datasheet
493Kb / 2P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
NET-50 MEANWELL-NET-50 Datasheet
425Kb / 2P
   50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT50 ASTRODYNE-RT50 Datasheet
300Kb / 4P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
T-50 MEANWELL-T-50 Datasheet
356Kb / 2P
   50W Triple Output Switching Power Supply
RT-50 MEANWELL-RT-50 Datasheet
406Kb / 2P
   50W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com