Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-15C-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SD-15C-12
Description  15W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-15C-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-15C-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-15C-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DCVOLTAGE
SPECIFICATION
MODEL
OUTPUT
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
VOLTAGERANGE
SETUP,RISE,HOLDUP TIME
EFFICIENCY(Typ.)
DCCURRENT(Typ.)
OVERLOAD
OVERVOLTAGE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
DIMENSION
INPUT
PROTECTION
ENVIRONMENT
SAFETY &
EMC
(Note4)
OTHERS
NOTE
12V
1.25A
0~1.25A
15W
120mVp-p
1.0%
0.3%
0.3%
1.0%
0.2%
0.2%
2.5s,25ms,---12VDC/24VDC/48VDCatfullload
A:9.2~18VDC
B
C:36~72VDC
:18~36VDC
68%
1.9A/12VDC0.9A/24VDC0.45A/48VDC
105~160% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
5.75~6.75V¡
20~90%RHnon-condensing
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
I/P-O/P:2KVACI/P-FG:1KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
78*51*28mm(L*W*H)
SD-15C-12
5V
3A
0~3A
15W
100mVp-p
2.0%
0.5%
0.5%
24V
0.625A
0~0.625A
15W
150mVp-p
72%
70%
13.8~16.2V
27.6~32.4V
CompliancetoEN55022(CISPR22)
SD-15A-24
SD-15A-12
SD-15B-12
SD-15B-24
SD-15C-24
SD-15C-05
SD-15B-05
SD-15A-05
76%
75%
76%
79%
77%
78%
VOLTAGE ADJ.RANGE
4.75~5.5VDC
10.8~13.2VDC
21.6~26.4VDC
CompliancetoEN61000-4-2,3,4,6,8,EN55024,lightindustrylevel,criteria A
PACKING
0.18kg,60PCS/11.8kg
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
-10~+60
(Referto"DeratingCurve")
-20~+85
,10~95%RH
15WSingleOutput DC-DCConverter
S D - 1 5 series
2:1 wide input range
Protections:Short circuit/Over load /voltage
Built-in EMI filter, low ripple noise
100% full load burn-in test
Low cost
High reliability
2 years warranty
Features :
FileName:SD-15-SPEC2011-06-15
1. All parameters NOT specially mentioned are measured at normal input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
0.03%/
(0~50
)
EMCIMMUNITY
EMCEMISSION


Similar Part No. - SD-15C-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-15C-12 MEANWELL-SD-15C-12 Datasheet
507Kb / 2P
   15W Single Output DC-DC Converter
SD-15C-12 MEANWELL-SD-15C-12 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
More results

Similar Description - SD-15C-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
SD-15 MEANWELL-SD-15 Datasheet
507Kb / 2P
   15W Single Output DC-DC Converter
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKE15 MEANWELL-SKE15 Datasheet
171Kb / 1P
   15W DC-DC Regulated Single Output Converter
logo
Delta Electronics, Inc.
S24SE3R305 DELTA-S24SE3R305 Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA15 MEANWELL-SKA15 Datasheet
175Kb / 1P
   9.9~15W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com