Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUP603D Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BUP603D
Description  IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BUP603D Datasheet(HTML) 6 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Semiconductor Group
6
Dec-02-1996
BUP 603D
Typ. switching time
t = f (RG) , inductive load , Tj = 125°C
par.:
VCE = 300 V, VGE = ± 15 V, IC = 30 A
0
20
40
60
80
120
R
G
1
10
2
10
3
10
ns
t
tdon
tr
tdoff
tf
Typ. switching time
I = f (IC) , inductive load , Tj = 125°C
par.:
VCE = 300 V, VGE = ± 15 V, RG = 33 Ω
0
10
20
30
40
50
60
A
80
I
C
1
10
2
10
3
10
ns
t
tdon
tr
tdoff
tf
Typ. switching losses
E = f (IC) , inductive load , Tj = 125°C
par.:
VCE = 300 V, VGE = ± 15 V, RG = 33 Ω
0
10
20
30
40
50
60
A
80
I
C
0
1
2
3
4
5
6
7
8
mWs
10
E
Eon
Eoff
Typ. switching losses
E = f (RG) , inductive load , Tj = 125°C
par.:
VCE = 300V, VGE = ± 15 V, IC = 30 A
0
20
40
60
80
120
R
G
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
mWs
5.0
E
Eon
Eoff


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BUP305DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP306DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP307DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP314DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP400DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP410DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP602DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP200DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP313DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP307IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn