Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE-1000-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SE-1000-48
Description  1000W Single Output Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SE-1000-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SE-1000-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SE-1000-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SE-1000-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
SE-1000-5
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
5V
150A
0~150A
750W
150mVp-p
3.3~5.5V
1.0%
1.0%
0.5%
1500ms,50ms/230VAC1500ms,50ms/115VACatfullload
20ms/230VAC15ms/115VACatfullload
90~132VAC/180~264VACselectedby TB2254~370VDC
47~63Hz
81%
17.5A/115VAC10A/230VAC
35A/115VAC55A/230VAC
<2.5mA /240VAC
105~125% ratedoutputpower
5.75~6.3V
10.4~12.2V
13.8~16.2V
18~21V
28~32.4V
57.6~67.2V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
70
5
(TSW1)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL60950-1approved
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
-20~+60
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.05%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
251.6Khrsmin.MIL-HDBK-217F(25
)
278*127*63.5mm(L*W*H)
2.5Kg;6pcs/16Kg/1.38CUFT
85%
86%
88%
89%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
150mVp-p
10~13.5V
150mVp-p
13.5~16.5V
200mVp-p
22~27.5V
200mVp-p
43~56V
12V
83.3A
0~83.3A
999.6W
15V
66.7A
0~66.7A
1000.5W
24V
41.7A
0~41.7A
1000.8W
48V
20.8A
0~20.8A
998.4W
SE-1000-12
SE-1000-15
SE-1000-24
SE-1000-48
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. By using UVP circuit, PSU will not turn on direct by in AC continue ON/OFF condition within 5 sec.
FileName:SE-1000-SPEC2011-08-23
AC input active surge current limiting
AC input range selected by switch
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC ball bearing fan
High power density 7.3w/inch
With DC_OK signal output
Built-in remote ON-OFF control
Built-in remote sense function
UL / CUL approved
Low cost
2 years warranty
3
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
1000WSingleOutputPowerSupply
S E - 1 0 0 0 series
84%
0.5%
0.5%
1.0%
150mVp-p
7.5~10V
9V
100A
0~100A
900W
SE-1000-9
DC_OKSIGNAL
REMOTECONTROL
FUNCTION
PSUturnon:3.3V~5.6VPUSturnoff:0~1V
RC+/RC-:0~0.8Vpoweron;4~10Vpoweroff


Similar Part No. - SE-1000-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SE-1000-48 MEANWELL-SE-1000-48 Datasheet
952Kb / 3P
   1000W Single Output Power Supply
More results

Similar Description - SE-1000-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-1000 MEANWELL-RSP-1000_11 Datasheet
296Kb / 6P
   1000W Single Output Power Supply
SE-1000 MEANWELL-SE-1000 Datasheet
952Kb / 3P
   1000W Single Output Power Supply
RSP-1000_1112 MEANWELL-RSP-1000_1112 Datasheet
311Kb / 6P
   1000W Single Output Power Supply
logo
Total Power Internation...
RSP-1000 TOTAL-POWER-RSP-1000 Datasheet
159Kb / 6P
   1000W Single Output Power Supply
logo
Astrodyne Corporation
RSP1000 ASTRODYNE-RSP1000 Datasheet
1Mb / 7P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000 MEANWELL-RSP-1000 Datasheet
301Kb / 6P
   1000W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1000 RSG-RSP-1000 Datasheet
185Kb / 6P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000 MEANWELL-RSP-1000_V01 Datasheet
819Kb / 8P
   1000W Power Supply with Single Output
2022-08-08
QP-1000 MEANWELL-QP-1000_09 Datasheet
130Kb / 4P
   1000W Quad Output Power Supply
logo
ETA-USA
FHHSX-U1 ETA-USA-FHHSX-U1 Datasheet
1Mb / 5P
   1000W Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com