Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR-480P Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SDR-480P
Description  480W Single Output Industrial DIN RAIL with PFC and Parallel Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SDR-480P Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SDR-480P_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SDR-480P_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SDR-480P_11 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
PEAKCURRENT
PEAKPOWER Note.6
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.7
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
WORKINGTEMP.
Note.5
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
DCOKREALY CONTACTRATINGS(max.)
CURRENTSHARING
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
1500ms,150ms/230VAC
3000ms,150ms/115VACatfullload
14ms/230VACatfullload
90~264VAC127~370VDC
47~63Hz
94%
0.94/230VAC0.99/115VACatfullload
5A/115VAC2.5A/230VAC
56~65V
40A/115VAC80A/230VAC
<0.6mA /240VAC
29~33V
Protectiontype:Shutdowno/pvoltage withauto-recoveryorre-powerontorecovery
105
5
(TSW:detectonheatsinkofpowerswitch)
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL508 TUVEN60950-1approved
,
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
-25~+70
(Referto"DeratingCurve")
60Vdc/0.3A,30Vdc/1A,30Vac/0.5A resistiveload
PleaseseetheFunctionManual
20~95%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
Component:10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
112.9Khrsmin.MIL-HDBK-217F(25
)
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61000-6-2(EN50082-2),EN61204-3,heavyindustrylevel,criteria A,
SEMIF47,GL approved
85.5*125.2*128.5mm(W*H*D)
1.6Kg;8pcs/13.8Kg/0.9CUFT
POWERFACTOR (Typ.)
SDR-480P-48
48V
10A
0~10A
480W
15A
120mVp-p
48~55V
1.0%
0.5%
1.0%
SDR-480P-24
24V
20A
0~20A
480W
30A
720W(3sec.)
100mVp-p
24~28V
1.2%
0.5%
1.0%
Features :
SDR-480P series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
O/P-DCOK:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:>100MOhms/500VDC/25
/70%RH
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
PROTECTION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Installation clearances : 40mm on top, 20mm on the bottom, 5mm on the left and right side are recommended when loaded permanently with full power.
In case the adjacent device is a heat source, 15mm clearance is recommended.
6. 3 seconds peak power max. and the average output power should not exceed the rate power.
7. Derating may be needed under low input voltage. Please check the derating curve for more details.
Current sharing up to 3840W(7+1)
High efficiency 94% and low power dissipation
150% peak load capability
Built-in active PFC function, PF>0.94
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
Built-in constant current limiting circuit
Can be installed on DIN rail TS-35/7.5 or 15
UL 508(industrial control equipment)approved
EN61000-6-2(EN50082-2) industrial immunity level
100% full load burn-in test
3 years warranty
Built-in DC OK relay contact
FileName:SDR-480P-SPEC2011-12-27
Normallyw
morethan3
andthenshutdowno/pvoltagewithauto-recovery
orkswithin110~150%ratedoutputpowerfor
seconds
>150%ratedpower,constantcurrentlimitingwithauto-recoverywithin2secondsandmaycausetoshutdownifover2seconds
480WSingleOutputIndustrialDINRAIL withPFCandParallelFunction
GL
PQ
S
E
M
I F
4
7
EMCIMMUNITY
EMCEMISSION


Similar Part No. - SDR-480P_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SDR-480P-24 MEANWELL-SDR-480P-24 Datasheet
253Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
Total Power Internation...
SDR-480P-24 TOTAL-POWER-SDR-480P-24 Datasheet
370Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
Mean Well Enterprises C...
SDR-480P-48 MEANWELL-SDR-480P-48 Datasheet
253Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
Total Power Internation...
SDR-480P-48 TOTAL-POWER-SDR-480P-48 Datasheet
370Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
More results

Similar Description - SDR-480P_11

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SDR-480P TOTAL-POWER-SDR-480P Datasheet
370Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
Mean Well Enterprises C...
SDR-480P MEANWELL-SDR-480P Datasheet
253Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
SDR-480 MEANWELL-SDR-480_10 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 MEANWELL-SDR-480_11 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480_09 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480 Datasheet
151Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
DRP-480 TOTAL-POWER-DRP-480 Datasheet
227Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 TOTAL-POWER-SDR-480 Datasheet
323Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
DRP-480 MEANWELL-DRP-480_11 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
DRP-480S TOTAL-POWER-DRP-480S Datasheet
227Kb / 2P
   480W Single Output DIN RAIL with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com