Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-75-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SP-75-12
Description  75W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-75-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SP-75-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-75-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SP-75-3.3
SP-75-5
SP-75-7.5
SP-75-12
SP-75-13.5
SP-75-15
SP-75-24
SP-75-27
SP-75-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
REMOTECONTROL(OPTION)
FUNCTION
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
15A
15A
10A
6.3A
5.6A
5A
3.2A
2.8A
1.6A
0~15A
0~15A
0~10A
0~6.3A
0~5.6A
0~5A
0~3.2A
0~2.8A
0~1.6A
49.5W
75W
75W
75.6W
75.6W
75W
76.8W
75.6W
76.8W
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
100mVp-p
100mVp-p
2.0%
3.14~3.63V 4.75~5.5V
7.13~8.25V 11.4~13.2V 12.8~14.9V 14.3~16.5V 22.8~26.4V 25.7~29.7V 45.6~52.8V
2.0%
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
600ms,60msatfullload
36msatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.93/230VAC0.96/115VACatfullload
68%
72%
74%
77%
78%
79%
80%
80%
80%
1.3A/115VAC0.7A/230VAC
COLDSTART 30A/230VAC
<2mA /240VAC
105~150% ratedoutputpower
3.8~4.46V
5.75~6.75V 8.63~10.13V 13.8~16.2V 15.53~18.23V 17.25~20.25V 27.6~32.4V 31.05~36.45V 55.2~64.8V
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
CN3:4~10VDCPOWEROFF,<0~0.8VDCPOWERON
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
-10~+60
(Referto"DeratingCurve")
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.05%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
208.8Khrsmin.MIL-HDBK-217F(25
)
179*97*33mm(L*W*H)
0.58Kg;20pcs/12Kg/0.64CUFT
FileName:SP-75-SPEC2011-08-23
75WSingleOutputwithPFCFunction
Universal AC input / Full range
Built-in active PFC function, PF>0.93
Protections: Short circuit / Overload / Over voltage
Built-in constant current limiting circuit
Low profile: 33mm thickness
LED indicator for power on
100% full load burn-in test
Fixed switching frequency at PFC:67KHz PWM:134KHz
3 years warranty
Features :
S P - 7 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
EMCIMMUNITY
EMCEMISSION


Similar Part No. - SP-75-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-75-12 ASTRODYNE-SP-75-12 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-75-12 MEANWELL-SP-75-12 Datasheet
261Kb / 2P
   75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75-12 RSG-SP-75-12 Datasheet
123Kb / 2P
   75W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-75-12 MEANWELL-SP-75-12 Datasheet
270Kb / 2P
   75W Single Output with PFC Function
More results

Similar Description - SP-75-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP75DRL ASTRODYNE-SP75DRL Datasheet
417Kb / 5P
   75W Single Output with PFC Function
logo
Total Power Internation...
HRP-75 TOTAL-POWER-HRP-75 Datasheet
394Kb / 2P
   75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
   75W Single Output with PFC Function
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-75 MEANWELL-SP-75_10 Datasheet
270Kb / 2P
   75W Single Output with PFC Function
ELP-75 MEANWELL-ELP-75 Datasheet
731Kb / 2P
   75W Single Output with PFC Function
HRP-75-3.3 MEANWELL-HRP-75-3.3 Datasheet
387Kb / 2P
   75W Single Output with PFC Function
SP-75 MEANWELL-SP-75 Datasheet
261Kb / 2P
   75W Single Output with PFC Function
RSP-75 MEANWELL-RSP-75 Datasheet
147Kb / 2P
   75W Single Output with PFC Function
HRP-75 MEANWELL-HRP-75_11 Datasheet
390Kb / 2P
   75W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com