Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-75_1109 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SP-75_1109
Description  75W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-75_1109 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SP-75_1109 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-75_1109 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:SP-75-SPEC2011-08-23
CaseNo.920A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
85
100
115
135
155
230
264
10
20
30
40
50
60
70
20
40
60
80
100
-10
0
(HORIZONTAL)
90
100
80
70
60
50
40
(1)
With18CFM
Forced AIR
(For3.3V,5V,7.5Vtype)
(1)For12Voutputorabove
75WSingleOutputwithPFCFunction
S P - 7 5 series
BlockDiagram
PFCfosc:67KHz
PWMfosc:134KHz
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
PFC
CONSTANT
CURRENT
LIMITING&
TerminalPinNo. Assignment
PinNo.
4
5
Assignment
Assignment
AC/N
DCOUTPUT +V
AC/L
DCOUTPUT -V
RemoteON/OFF(CN3):Molex5046-02 orequivalent(optional)
MatingHousing
Molex5051
orequivalent
Terminal
Molex2759
orequivalent
PinNo.
1
2
3
FG
PinNo.
1
2
Assignment
RC-
RC+
15
179
117
25
5
ADJ.
6-M4L=6mm
4
3
2
1
1
2
CN3
60
65
2-M4L=4mm
LED
11max.


Similar Part No. - SP-75_1109

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-75-12 ASTRODYNE-SP-75-12 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-75-12 MEANWELL-SP-75-12 Datasheet
261Kb / 2P
   75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75-12 RSG-SP-75-12 Datasheet
123Kb / 2P
   75W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-75-12 MEANWELL-SP-75-12 Datasheet
270Kb / 2P
   75W Single Output with PFC Function
logo
Astrodyne Corporation
SP-75-13.5 ASTRODYNE-SP-75-13.5 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
More results

Similar Description - SP-75_1109

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP75DRL ASTRODYNE-SP75DRL Datasheet
417Kb / 5P
   75W Single Output with PFC Function
logo
Total Power Internation...
HRP-75 TOTAL-POWER-HRP-75 Datasheet
394Kb / 2P
   75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
   75W Single Output with PFC Function
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-75 MEANWELL-SP-75_10 Datasheet
270Kb / 2P
   75W Single Output with PFC Function
ELP-75 MEANWELL-ELP-75 Datasheet
731Kb / 2P
   75W Single Output with PFC Function
HRP-75-3.3 MEANWELL-HRP-75-3.3 Datasheet
387Kb / 2P
   75W Single Output with PFC Function
SP-75 MEANWELL-SP-75 Datasheet
261Kb / 2P
   75W Single Output with PFC Function
RSP-75 MEANWELL-RSP-75 Datasheet
147Kb / 2P
   75W Single Output with PFC Function
HRP-75 MEANWELL-HRP-75_11 Datasheet
390Kb / 2P
   75W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com