Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-750-15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SP-750-15
Description  750W Single Output Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-750-15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SP-750-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-750-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SP-750-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:SP-750-SPEC2011-08-23
CaseNo.919A
Unit:mm
ACInput Terminal
PinNo. Assignment
PinNo.
1
3
2
Assignment
FG
AC/N
AC/L
DCOutput Terminal
PinNo. Assignment
PinNo.
1
2
Assignment
DCOUTPUT +V
DCOUTPUT -V
ControlPinNo. Assignment:MOLEX5559-NP uses5558malecrimpterminal
PinNo.
PinNo.
5
1
6
2
7
8
3
4
Assignment
Assignment
NC
NC
PF(Powerfailsignal)
-S
+S
RC+
G
RC-
Matingconnector
MOLEX5557-NR
Terminal
MOLEX5556
Femalecrimp
Terminal
receptacle
BlockDiagram
PFCfosc:100KHz
PWMfosc:140KHz
750WSingleOutputPowerSupply
S P - 7 5 0 series
I/P
1
2
3
O/P
2-M6
Airflow
CONTROL
2
4
3
6
7
8
1
5
1
2
direction
4-M3
15
220
7
113
BOTTOMVIEW
TOP VIEW
33
72
6-M3L=6
16
220
24.5
19max.
20max.
28max.
5
240
251
278
4-M3
4-M3
+S
-S
EMI
FILTER
RECTIFIERS
PWM
POWER
FILTER
&
RECTIFIERS
+V
-V
I/P
SWITCHING
INRUSH
CURRENT
ACTIVE
LIMITING
SWITCHING
POWER
PFC
DETECTION
CIRCUIT
CONTROL
PFC
O.T.P.
PWM
CONTROL
FANLOCK
PROTECTION
FAN
POWER
AUX
CIRCUIT
DETECTION
PF
CURRENT
LIMIT
O.T.P.
O.V.P.
O.L.P.
CONTROL
REMOTE
RC


Similar Part No. - SP-750-15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-750-15 TOTAL-POWER-SP-750-15 Datasheet
226Kb / 2P
   750W Single Output Power Supply
logo
Astrodyne Corporation
SP-750-15 ASTRODYNE-SP-750-15 Datasheet
343Kb / 3P
   750W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-750-15 MEANWELL-SP-750-15 Datasheet
348Kb / 3P
   750W Single Output Power Supply
logo
RSG Electronic Componen...
SP-750-15 RSG-SP-750-15 Datasheet
144Kb / 3P
   750W Single Output Power Supply
logo
Mean Well Enterprises C...
SP-750-15 MEANWELL-SP-750-15 Datasheet
350Kb / 3P
   750W Single Output Power Supply
More results

Similar Description - SP-750-15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
SP-750 RSG-SP-750 Datasheet
144Kb / 3P
   750W Single Output Power Supply
logo
Mean Well Enterprises C...
SP-750 MEANWELL-SP-750 Datasheet
348Kb / 3P
   750W Single Output Power Supply
SP-750 MEANWELL-SP-750_10 Datasheet
350Kb / 3P
   750W Single Output Power Supply
logo
Total Power Internation...
SP-750 TOTAL-POWER-SP-750 Datasheet
226Kb / 2P
   750W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-750 MEANWELL-RSP-750 Datasheet
162Kb / 5P
   750W Single Output Power Supply
logo
List of Unclassifed Man...
EFRP-G2753 ETC2-EFRP-G2753 Datasheet
445Kb / 2P
   ERP2U 750W Server Power Supply
logo
Astrodyne Corporation
SP-750 ASTRODYNE-SP-750 Datasheet
343Kb / 3P
   750W Single Output with PFC Function
SP750 ASTRODYNE-SP750 Datasheet
761Kb / 5P
   750W Single Output with PFC Function
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com