Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-500_1111 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SP-500_1111
Description  500W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-500_1111 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SP-500_1111 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-500_1111 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:SP-500-SPEC2011-11-15
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
CaseNo.910Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
115
88
135
155
230
264
90
100
80
70
60
50
40
-10
0
10
20
30
40
45
50 (HORIZONTAL)
20
40
60
80
100
BlockDiagram
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
&
P.F.C.
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
RC.G.
RC
I/P
FG
CONTROL
O.V.P.
O.T.P.
O.C.P.
INRUSH
CURRENT
ACTIVE
LIMITING
FAN
FAN
CONTROL
ON/OFF
TerminalPinNo. Assignment
PinNo.
PinNo.
1
7
2
3
8
9~11
12~14
15
4,5
6
Assignment
Assignment
FG
AC/L
AC/N
NC
R.C.G
+S
DCOUTPUT +V
DCOUTPUT -V
-S
R.C.
9.5
11.5
8
11.5
14max.
120
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
170
150
150
2-M3L=16mmmax.
2-M3L=4mmmax.
2-M3L=16mmmax.
2-M3L=4mmmax.
7A
50/60Hz
100-240VAC
INPUT
SP-500-12
(AC)
L
N
FG
NC
NC
R.C.
-S
-V
+12V40A
+S
+V ADJ.
MADEIN TAIWAN
BAUART
GEPRUFT
TYPE
APPROVED
TUV
Rheinland
ProductSafety
E183223
LEVEL5
SHORT:ON
OPEN:OFF
R.C.G
PFCfosc:100KHz
PWMfosc:67KHz
500WSingleOutputwithPFCFunction
S P - 5 0 0 series


Similar Part No. - SP-500_1111

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-500-12 TOTAL-POWER-SP-500-12 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Astrodyne Corporation
SP-500-12 ASTRODYNE-SP-500-12 Datasheet
335Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-500-12 MEANWELL-SP-500-12 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-500-12 RSG-SP-500-12 Datasheet
144Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-500-12 MEANWELL-SP-500-12 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
More results

Similar Description - SP-500_1111

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500 Datasheet
324Kb / 4P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Astrodyne Corporation
SP-500 ASTRODYNE-SP-500 Datasheet
335Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
RSP-500 MEANWELL-RSP-500 Datasheet
558Kb / 3P
   500W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-500 RSG-SP-500 Datasheet
144Kb / 2P
   500W Single Output with PFC Function
logo
Total Power Internation...
PSP-500 TOTAL-POWER-PSP-500 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
RSG Electronic Componen...
PSP-500 RSG-PSP-500 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com