Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD-55A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ADD-55A
Description  55W Dual Output with Battery Charger(USPFunction)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ADD-55A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ADD-55A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ADD-55A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
800ms,50ms/230VAC1600ms,50ms/115VACatfullload
80ms/230VAC16ms/115VACatfullload
88~264VAC124~370VDC
47~63Hz
71%
74%
CH1:28.98~37.26V
1.6A/115VAC1A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<1mA /240VAC
105~150% ratedoutputpower
CH1:14.49~18.63V
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)
,
ClassB EN61000-3-2,-3
Complianceto EN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
-10~+60
(Referto"DeratingCurve")
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)onCH1output
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
241.3Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
0.57Kg;24pcs/13.7Kg/0.75CUFT
DC ALARMSIGNAL(OPTIONAL)
FUNCTION
Batterylowunderchargevoltage82.5% 2%CN1PIN1
Normal0.8Vmax. Abnormal5V 0.5V
ACfailCN1PIN2
ADD-55A
13.8V
2.5A
0~3.5A
52.58W
100mVp-p
CH1:12~14.5V
1.0%
3.0%
1.0%
0.5%
1.0%
0.5%
5V
CH2
26.5V
CH3
3A
0.16A
0~4A
--------
150mVp-p
--------
--------
--------
--------
ADD-55B
27.6V
CH1
1.3A
0~2A
55.12W
150mVp-p
CH1:24~29V
1.0%
3.0%
0.5%
0.5%
1.0%
1.0%
5V
CH2
13.4V
CH3
3A
0.23A
0~4A
--------
100mVp-p
--------
--------
--------
--------
55WDualOutputwithBatteryCharger(USP Function)
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Battery low protections
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 45KHz
2 years warranty
Features :
A D D - 5 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note4)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
CH1
OUTPUTNUMBER
Protectiontype: ACChargingMode: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UPSMode:Protectedbyinternalfuse
EMCIMMUNITY
EMCEMISSION
FileName:ADD-55-SPEC2011-06-16


Similar Part No. - ADD-55A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ADD-55A ASTRODYNE-ADD-55A Datasheet
1Mb / 4P
   55W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
ADD-55A MEANWELL-ADD-55A Datasheet
707Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
ADD-55A MEANWELL-ADD-55A Datasheet
392Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
More results

Similar Description - ADD-55A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ADD-55 MEANWELL-ADD-55 Datasheet
707Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
ADD-55 MEANWELL-ADD-55_10 Datasheet
392Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
logo
Astrodyne Corporation
AD-55 ASTRODYNE-AD-55 Datasheet
1Mb / 4P
   55W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
AD-55 MEANWELL-AD-55 Datasheet
706Kb / 2P
   55W Single Output with Battery Charger(UPS Function)
logo
Astrodyne Corporation
AD55 ASTRODYNE-AD55 Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
logo
Mean Well Enterprises C...
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
ADD-155 MEANWELL-ADD-155 Datasheet
430Kb / 2P
   155W Dual Output with Battery Charger(USP Function)
logo
CUI INC
VADS-5524 CUI-VADS-5524 Datasheet
119Kb / 2P
   Single/Double Output with Battery Charger
VADS-5512 CUI-VADS-5512 Datasheet
119Kb / 2P
   Single/Double Output with Battery Charger
logo
Gamewell-FCI by Honeywe...
DRBC-1 GAMEWELL-FCI-DRBC-1 Datasheet
34Kb / 1P
   DUAL RATE BATTERY CHARGER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com