Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT83010 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT83010
Description  Q-VoiceTM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83010 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT83010 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
V vs. F Characteristics Curve
HT83XXX
Rev. 1.60
8
November 19, 2008
V D D ( V )
V D D ( V )
1 0
8
6
4
2
2 . 5
2 . 7
3 . 0
3 . 5
4 . 0
5 . 2
5 . 5
4 . 5
H T 8 3 X X X V v s . F C h a r t ( F o r 3 . 0 V )
2
4
6
8
1 0
2 . 5
2 . 7
3 . 0
3 . 5
4 . 0
4 . 5
5 . 2
5 . 5
8 M H z / 1 4 4 k W
6 M H z / 1 8 8 k W
4 M H z / 2 7 5 k W
H T 8 3 X X X V v s . F C h a r t ( F o r 4 . 5 V )
8 M H z / 1 3 9 k W
6 M H z / 1 8 4 k W
4 M H z / 2 7 4 k W


Similar Part No. - HT83010

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83018 HOLTEK-HT83018 Datasheet
300Kb / 21P
   Q-Voice
More results

Similar Description - HT83010

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT84XXX HOLTEK-HT84XXX Datasheet
246Kb / 31P
   Magic VoiceTM
logo
ebm-papst
M4Q045-BD03-04 EBMPAPST-M4Q045-BD03-04 Datasheet
1Mb / 5P
   Q-MOTORS
logo
Holtek Semiconductor In...
HT83XXX HOLTEK-HT83XXX_07 Datasheet
269Kb / 39P
   Q-Voice
HT83XXX HOLTEK-HT83XXX Datasheet
300Kb / 21P
   Q-Voice
HT83R074 HOLTEK-HT83R074 Datasheet
263Kb / 38P
   Q-Voice
logo
Merrimac Industries, In...
IQF-4F-1500 MERRIMAC-IQF-4F-1500 Datasheet
89Kb / 1P
   I&Q NETWORK
IQF-20F-1200B MERRIMAC-IQF-20F-1200B Datasheet
234Kb / 1P
   I&Q NETWORKS
IQP-4R-10B MERRIMAC-IQP-4R-10B Datasheet
84Kb / 1P
   I&Q NETWORKS
IQF-20L-3B MERRIMAC-IQF-20L-3B Datasheet
44Kb / 1P
   I&Q NETWORKS
IQG-20E-20B MERRIMAC-IQG-20E-20B Datasheet
107Kb / 1P
   I&Q NETWORKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com