Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67040-A4207-A2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # C67040-A4207-A2
Description  IGBT (High switching speed Very low switching losses Low tail current Latch-up free Avalanche rated)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67040-A4207-A2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  C67040-A4207-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67040-A4207-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67040-A4207-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67040-A4207-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67040-A4207-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67040-A4207-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67040-A4207-A2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Feb-07-1997
BUP 314S
Preliminary data
Typ. switching time
t = f (RG) , inductive load , Tj = 125°C
par.:
VCE = 600 V, VGE = ± 15 V, IC = 15 A
0
20
40
60
80 100 120 140 160
200
R
G
1
10
2
10
3
10
4
10
ns
t
tdon
tr
tdoff
tf
Typ. switching time
t = f (IC) , inductive load , Tj = 125°C
par.:
VCE = 600 V, VGE = ± 15 V, RG = 47Ω
0
5
10
15
20
25
30
A
40
I
C
1
10
2
10
3
10
ns
t
tdon
tr
tdoff
tf
Typ. switching losses
E = f (IC) , inductive load , Tj = 125°C
par.:
VCE = 600 V, VGE = ± 15 V, RG = 48.9Ω
0
5
10
15
20
25
30
A
40
I
C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
mWs
8.0
E
Eon
Eoff
Typ. switching losses
E = f (RG) , inductive load , Tj = 125°C
par.:
VCE = 600 V, VGE = ± 15 V, IC = 15 A
0
20
40
60
80 100 120 140 160
200
R
G
0.0
1.0
2.0
3.0
4.0
5.0
6.0
mWs
8.0
E
Eon
Eoff


Similar Part No. - C67040-A4207-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67040-A4424-A2 SIEMENS-C67040-A4424-A2 Datasheet
96Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated
More results

Similar Description - C67040-A4207-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP309 SIEMENS-BUP309 Datasheet
113Kb / 5P
   IGBT (High switching speed Low tail current Latch-up free Avalanche rated)
BUP307 SIEMENS-BUP307 Datasheet
343Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP402 SIEMENS-BUP402 Datasheet
87Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP200 SIEMENS-BUP200 Datasheet
300Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP213 SIEMENS-BUP213 Datasheet
110Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP302 SIEMENS-BUP302 Datasheet
419Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP304 SIEMENS-BUP304 Datasheet
378Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP314 SIEMENS-BUP314 Datasheet
89Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP604 SIEMENS-BUP604 Datasheet
145Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP203 SIEMENS-BUP203 Datasheet
393Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com