Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGUGLA44.736 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # SGUGLA44.736
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SGUGLA44.736 Datasheet(HTML) 4 Page - Vectron International, Inc

  SGUGLA44.736_10 Datasheet HTML 1Page - Vectron International, Inc SGUGLA44.736_10 Datasheet HTML 2Page - Vectron International, Inc SGUGLA44.736_10 Datasheet HTML 3Page - Vectron International, Inc SGUGLA44.736_10 Datasheet HTML 4Page - Vectron International, Inc SGUGLA44.736_10 Datasheet HTML 5Page - Vectron International, Inc SGUGLA44.736_10 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S-Type Voltage Controlled Crystal Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel:1-88-VECTRON-1
e-mail: vectron@vectron.com
25
217
200
150
260
Time (sec)
t S
t AMB-P
t L
t P
R UP
R DN
Oscillator Aging
Mass-loading on the crystal generally results in a frequency decrease and is typically due to out-gassing
of material within a hermetic package or from contamination by external material in a less than hermetic
package. VI has minimized the impact of mass loading by ensuring hermetic integrity and minimizing out-
gassing by limiting the number of internal components through the use of ASIC technology.
Under normal operating conditions with an operating temperature of 40°C, the S-Type will typically exhibit
2 ppm aging in the first year of operation. The device will then typically exhibit 1 ppm aging the following
year with a logarithmic decline each year thereafter.
Figure 4. Suggested IR profile
Figure 5. Tape and Reel


Similar Part No. - SGUGLA44.736_10

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SGUGLA44.736 VECTRON-SGUGLA44.736 Datasheet
147Kb / 2P
   Voltage Controlled Crystal Oscillators
More results

Similar Description - SGUGLA44.736_10

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com