Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2260A1-0021-20M0 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # C2260A1-0021-20M0
Description  Nominal frequency (f0)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C2260A1-0021-20M0 Datasheet(HTML) 3 Page - Vectron International, Inc

  C2260A1-0021-20M0 Datasheet HTML 1Page - Vectron International, Inc C2260A1-0021-20M0 Datasheet HTML 2Page - Vectron International, Inc C2260A1-0021-20M0 Datasheet HTML 3Page - Vectron International, Inc C2260A1-0021-20M0 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C2260A1-0021-20M0
TCXO
www.vectron.com
modified 2008-01-08 Index : 23
printed 2011-11-29 • page 3 of 4
Vectron International • Product Specifications C2260A1-0021
Reflow profile
Profile Feature
Pb-Free Assembly/Sn-Pb Assembly
Average ramp-up rate (TL to Tp)
3°C/second max.
Preheat -Temperature Min (Tsmin)
150°c
-Temperature Min (Tsmax)
200°c
-Time (min to max) (ts)
60-180 seconds
Tsmax to TL - Ramp-up Rate
3°C/second max.
Time maintainted above - Temperature (TL)
217°C
- Time (tL)
60-150 seconds
Peak Temperature (Tp)
max 260°C
Time within 5°C of actual Peak Temperature (tp)
20-40 seconds
Ramp-down Rate
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
Additional Information
This SMD oscillator has been designed for pick and place reflow soldering.


Similar Part No. - C2260A1-0021-20M0

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2260A1-0021 VECTRON-C2260A1-0021 Datasheet
69Kb / 5P
   Nominal frequency (f0)
C2260A1-0021 VECTRON-C2260A1-0021 Datasheet
340Kb / 5P
   TCXO EFC Standard Low Profile Small Size 100 % RoHS compliant
C2260A1-0021 VECTRON-C2260A1-0021_08 Datasheet
69Kb / 5P
   Nominal frequency (f0)
More results

Similar Description - C2260A1-0021-20M0

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2260A1-0032-12M8 VECTRON-C2260A1-0032-12M8 Datasheet
238Kb / 4P
   Nominal frequency (f0)
C2260A1-0235-12M8 VECTRON-C2260A1-0235-12M8 Datasheet
312Kb / 4P
   Nominal frequency (f0)
C2260A1-0103-20M0 VECTRON-C2260A1-0103-20M0 Datasheet
238Kb / 4P
   Nominal frequency (f0)
TX-704-0004-20M0 VECTRON-TX-704-0004-20M0 Datasheet
321Kb / 5P
   Nominal frequency (f0)
C2260A1-0093-12M8 VECTRON-C2260A1-0093-12M8 Datasheet
237Kb / 4P
   Nominal frequency (f0)
C2260A1-0234-12M8 VECTRON-C2260A1-0234-12M8 Datasheet
321Kb / 5P
   Nominal frequency (f0)
C2260A1-0029 VECTRON-C2260A1-0029_08 Datasheet
68Kb / 4P
   Nominal frequency (f0)
C2260A1-0032 VECTRON-C2260A1-0032_09 Datasheet
94Kb / 5P
   Nominal frequency (f0)
C2260A1-0015 VECTRON-C2260A1-0015_08 Datasheet
67Kb / 4P
   Nominal frequency (f0)
C2260A1-0021 VECTRON-C2260A1-0021_08 Datasheet
69Kb / 5P
   Nominal frequency (f0)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com