Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXDC2HL12A-050 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # LXDC2HL12A-050
Description  Low EMI noise and small footprint using inductor-imbedded ferrite substrate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LXDC2HL12A-050 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LXDC2HL12A-050 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LXDC2HL12A-050 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LXDC2HL12A-050 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LXDC2HL12A-050 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LXDC2HL12A-050 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LXDC2HL12A-050 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LXDC2HL12A-050 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LXDC2HL12A-050 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LXDC2HL12A-050 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LXDC2HL series
Micro DCDC converter
4
Confidential & Preliminary
June.8,2010
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
LXDC2HL10A-080
73
78
LXDC2HL12A-050
75
80
LXDC2HL1DA-087
77
82
LXDC2HL15A-051
81
85
LXDC2HL18A-052
81
85
Vin=3.6V,
Iout=150mA
LXDC2HL25A-053
84
88
LXDC2HL30A-054
83
87
Efficiency
EFF
Vin=5V,
Iout=150mA
LXDC2HL33A-055
84
88
%
VENH
ON ; Enable
1.4
Vin
V
EN control voltage
VENL
OFF ; Disable
0
0.25
V
SW Frequency
fosc
2.5
3.0
3.5
MHz
LXDC2HL10A-080
LXDC2HL12A-050
LXDC2HL1DA-087
LXDC2HL15A-051
LXDC2HL18A-052
600
900
1200
LXDC2HL25A-053
550
900
1200
LXDC2HL30A-054
450
900
1200
LXDC2HL33A-055
350
900
1200
mA
OCP
If the over current event continues less than Tlatch, auto-recovery.
If the over current event continues more than Tlatch, latch-up.
Restart by toggling EN voltage or Vin voltage
Over current
protection
Tlatch
Latch-up mask time
@Vout=0.8×Vnom
20
Usec
Start-up time
Ton
0.9
Msec
* Test condition is shown in section 6.


Similar Part No. - LXDC2HL12A-050

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXDC2HL12A-050 MURATA-LXDC2HL12A-050 Datasheet
715Kb / 2P
   Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology
More results

Similar Description - LXDC2HL12A-050

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXDC32D MURATA-LXDC32D Datasheet
1Mb / 21P
   Low EMI noise and small footprint using inductor-imbedded ferrite substrate
LXDC2HL-G MURATA-LXDC2HL-G Datasheet
1Mb / 24P
   Low EMI noise and small footprint (5mm2) using inductor-embedded ferrite substrate
LXDC2XQ MURATA-LXDC2XQ Datasheet
1Mb / 25P
   Low EMI noise using an inductor-embedded ferrite substrate
LXDC MURATA-LXDC Datasheet
715Kb / 2P
   Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology
logo
Infineon Technologies A...
BGA123L4 INFINEON-BGA123L4 Datasheet
285Kb / 13P
   Small Footprint Ultra Low Current Low Noise Amplifier
Revision 2.0 2017-09-14
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
AP15TP1R0Y A-POWER-AP15TP1R0Y Datasheet
111Kb / 6P
   Small Footprint & Low Profile Package
AP2605GY0-HF A-POWER-AP2605GY0-HF_16 Datasheet
67Kb / 5P
   Small Footprint & Low Profile Package
AP2606AGY-HF A-POWER-AP2606AGY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
AP2334GN A-POWER-AP2334GN_16 Datasheet
64Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com