Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6616 Datasheet(PDF) 97 Page - ATMEL Corporation

Part # ATA6616
Description  8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
Download  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6616 Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button ATA6616_12 Datasheet HTML 93Page - ATMEL Corporation ATA6616_12 Datasheet HTML 94Page - ATMEL Corporation ATA6616_12 Datasheet HTML 95Page - ATMEL Corporation ATA6616_12 Datasheet HTML 96Page - ATMEL Corporation ATA6616_12 Datasheet HTML 97Page - ATMEL Corporation ATA6616_12 Datasheet HTML 98Page - ATMEL Corporation ATA6616_12 Datasheet HTML 99Page - ATMEL Corporation ATA6616_12 Datasheet HTML 100Page - ATMEL Corporation ATA6616_12 Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 308 page
background image
97
9132F–AUTO–02/12
Atmel ATA6616/ATA6617
Figure 4-29. Alternate Port Functions(1)
Note:
1. WRx, WPx, WDx, RRx, RPx, and RDx are common to all pins within the same port. clk
I/O,
SLEEP, and PUD are common to all ports. All other signals are unique for each pin.
clk
RPx
RRx
WRx
RDx
WDx
PUD
SYNCHRONIZER
WDx: WRITE DDRx
WRx: WRITE PORTx
RRx: READ PORTx REGISTER
RPx: READ PORTx PIN
PUD: PULLUP DISABLE
clk
I/O:
I/O CLOCK
RDx: READ DDRx
D
L
Q
Q
SET
CLR
0
1
0
1
0
1
DIxn
AIOxn
DIEOExn
PVOVxn
PVOExn
DDOVxn
DDOExn
PUOExn
PUOVxn
PUOExn: Pxn PULL-UP OVERRIDE ENABLE
PUOVxn: Pxn PULL-UP OVERRIDE VALUE
DDOExn: Pxn DATA DIRECTION OVERRIDE ENABLE
DDOVxn: Pxn DATA DIRECTION OVERRIDE VALUE
PVOExn: Pxn PORT VALUE OVERRIDE ENABLE
PVOVxn: Pxn PORT VALUE OVERRIDE VALUE
DIxn: DIGITAL INPUT PIN n ON PORTx
AIOxn: ANALOG INPUT/OUTPUT PIN n ON PORTx
RESET
RESET
Q
Q
D
CLR
Q
Q
D
CLR
Q
Q
D
CLR
PINxn
PORTxn
DDxn
0
1
DIEOVxn
SLEEP
DIEOExn: Pxn DIGITAL INPUT-ENABLE OVERRIDE ENABLE
DIEOVxn: Pxn DIGITAL INPUT-ENABLE OVERRIDE VALUE
SLEEP: SLEEP CONTROL
Pxn
I/O
0
1
PTOExn
WPx
PTOExn: Pxn, PORT TOGGLE OVERRIDE ENABLE
WPx: WRITE PINx


Similar Part No. - ATA6616_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6616-EK ATMEL-ATA6616-EK Datasheet
1Mb / 20P
   Atmel ATA6616-EK/ATA6617-EK Development Board V1.1
ATA6616C ATMEL-ATA6616C Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616C ATMEL-ATA6616C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results

Similar Description - ATA6616_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6616C ATMEL-ATA6616C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6617C ATMEL-ATA6617C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6613C ATMEL-ATA6613C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6614Q ATMEL-ATA6614Q_14 Datasheet
9Mb / 311P
   32K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com