Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0204CA-MJ Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT88SC0204CA-MJ
Description  Atmel CryptoMemory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0204CA-MJ Datasheet(HTML) 5 Page - ATMEL Corporation

  AT88SC0204CA-MJ Datasheet HTML 1Page - ATMEL Corporation AT88SC0204CA-MJ Datasheet HTML 2Page - ATMEL Corporation AT88SC0204CA-MJ Datasheet HTML 3Page - ATMEL Corporation AT88SC0204CA-MJ Datasheet HTML 4Page - ATMEL Corporation AT88SC0204CA-MJ Datasheet HTML 5Page - ATMEL Corporation AT88SC0204CA-MJ Datasheet HTML 6Page - ATMEL Corporation AT88SC0204CA-MJ Datasheet HTML 7Page - ATMEL Corporation AT88SC0204CA-MJ Datasheet HTML 8Page - ATMEL Corporation AT88SC0204CA-MJ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Atmel AT88SC0204CA [Summary DATASHEET]
5202FS
−CRYPTO−12/11
5
4.
*Absolute Maximum Ratings
Operating temperature....................
−40°C to +85°C
Storage temperature ...................
−65°C to + 150°C
Voltage on any pin
with respect to ground ...............
− 0.7 to VCC +0.7V
Maximum operating voltage............................. 4.0V
DC output current ......................................... 5.0mA
*Notice:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condition
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of
time may affect device reliability.
Table 4-1.
DC Characteristics
Applicable over recommended operating range from VCC = +2.7 to 3.6V, TAC = -40
°Cto+85°C(unlessotherwisenoted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VCC
(1)
Supply Voltage
2.7
3.6
V
ICC
Supply Current
Async read at 3.57MHz
5
mA
ICC
Supply Current
Async write at 3.57MHz
5
mA
ICC
Supply Current
Synch read at 1MHz
5
mA
ICC
Supply Current
Synch write at 1MHz
5
mA
ISB
Standby Current
VIN = VCC or GND
100
µA
VIL
SDA/IO Input Low Voltage
0
VCC x 0.2
V
VIL
CLK Input Low Voltage
0
VCC x 0.2
V
VIL
RST Input Low Voltage
0
VCC x 0.2
V
VIH
(1)
SDA/IO Input High Voltage
VCC x 0.7
5.5
V
VIH
(1)
SCL/CLK Input High Voltage
VCC x 0.7
5.5
V
VIH
(1)
RST Input High Voltage
VCC x 0.7
5.5
V
IIL
SDA/IO Input Low Current
0 < VIL < VCC x 0.15
15
µA
IIL
SCL/CLK Input Low Current
0 < VIL < VCC x 0.15
15
µA
IIL
RST Input Low Current
0 < VIL < VCC x 0.15
50
µA
IIH
SDA/IO Input High Current
VCC x 0.7 < VIH < VCC
20
µA
IIH
SCL/CLK Input High Current
VCC x 0.7 < VIH < VCC
100
µA
IIH
RST Input High Current
VCC x 0.7 < VIH < VCC
150
µA
VOH
SDA/IO Output High Voltage
20K ohm external pull-up
VCC x 0.7
VCC
V
VOL
SDA/IO Output Low Voltage
IOL = 1mA
0
VCC x 0.15
V
IOH
SDA/IO Output High Current
VOH
20
µA
IOL
SDA/IO Output Low Current
VOL
10
mA
Note:
1.
To prevent latch up conditions from occurring during power up of the AT88SC0204CA, VCC must be turned on
before applying VIH. For powering down, VIH must be removed before turning VCC off.


Similar Part No. - AT88SC0204CA-MJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0204CA-MJ ATMEL-AT88SC0204CA-MJ Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0204CA-MJ ATMEL-AT88SC0204CA-MJ Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA-MJTG ATMEL-AT88SC0204CA-MJTG Datasheet
219Kb / 24P
   CryptoMemory
More results

Similar Description - AT88SC0204CA-MJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_14 Datasheet
442Kb / 24P
   Atmel CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_11 Datasheet
304Kb / 23P
   Atmel CryptoMemory
AT88SC1616C ATMEL-AT88SC1616C_11 Datasheet
257Kb / 20P
   Atmel CryptoMemory, 16Kbit
AT88SC0104CA-SH ATMEL-AT88SC0104CA-SH Datasheet
664Kb / 66P
   Atmel CryptoMemory Specification Datasheet
AT88SC0808C ATMEL-AT88SC0808C_14 Datasheet
367Kb / 21P
   Atmel CryptoMemory, 8-Kbit
AT88SC0104C ATMEL-AT88SC0104C_14 Datasheet
365Kb / 21P
   Atmel CryptoMemory, 1-Kbit
AT88SC0404C ATMEL-AT88SC0404C_14 Datasheet
369Kb / 21P
   Atmel CryptoMemory, 4-Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com