Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT14802 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT14802
Description  147.5MHz SAW Filter 5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT14802 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT14802 Datasheet HTML 1Page - SIPAT Co,Ltd LBT14802 Datasheet HTML 2Page - SIPAT Co,Ltd LBT14802 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT14802
Rev. Date
2011-04-21
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
147.5MHz SAW Filter
5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT14802
Typical Performance
Frequency Response
Passband Response
135
140
145
150
155
160
-117.7329
-107.7329
-97.7329
-87.7329
-77.7329
-67.7329
-57.7329
-47.7329
-37.7329
-27.7329
-17.7329
Type Performance
Frequency(MHz)
143
144
145
146
147
148
149
150
151
152
-30.2329
-29.7329
-29.2329
-28.7329
-28.2329
-27.7329
-27.2329
-26.7329
-26.2329
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±2.6MHz)
Phase Linearity(f0±2.6MHz)
144
145
146
147
148
149
150
151
3400
3500
3600
3700
3800
3900
4000
4100
4200
4300
4400
4500
X: 150.1
Y: 4016
Type Performance
Frequency(MHz)
X: 144.9
Y: 3898
X: 147.5
Y: 4061
144
145
146
147
148
149
150
151
-30
-20
-10
0
10
20
30
X: 150.1
Y: 4.561
Type Performance
Frequency(MHz)
X: 144.9
Y: 1.947
X: 147.5
Y: -1.949
Horizontal: 1MHz/Div
Vertical: 100ns/Div
Horizontal: 1MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBT14802

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14802 SIPAT-LBT14802 Datasheet
175Kb / 3P
   147.5MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBT14802

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14802 SIPAT-LBT14802 Datasheet
175Kb / 3P
   147.5MHz SAW Filter 5MHz Bandwidth
LBS14701 SIPAT-LBS14701 Datasheet
139Kb / 3P
   147.5MHz SAW Filter 5MHz Bandwidth
LBS14701 SIPAT-LBS14701 Datasheet
145Kb / 3P
   147.5MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030 Datasheet
144Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBS14094 SIPAT-LBS14094 Datasheet
143Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LBT09606 SIPAT-LBT09606 Datasheet
299Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030_10 Datasheet
149Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBT38301 SIPAT-LBT38301 Datasheet
178Kb / 3P
   382.5MHz SAW Filter 5MHz Bandwidth
LBT45505 SIPAT-LBT45505 Datasheet
164Kb / 3P
   455MHz SAW Filter 5MHz Bandwidth
LBT46504 SIPAT-LBT46504 Datasheet
169Kb / 3P
   465MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com