Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCTPL0G107M8R Datasheet(PDF) 2 Page - Rohm

Part # TCTPL0G107M8R
Description  Chip Tantalum capacitors(Bottom surface electrode type : Large capacitance)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTPL0G107M8R Datasheet(HTML) 2 Page - Rohm

  TCTPL0G107M8R Datasheet HTML 1Page - Rohm TCTPL0G107M8R Datasheet HTML 2Page - Rohm TCTPL0G107M8R Datasheet HTML 3Page - Rohm TCTPL0G107M8R Datasheet HTML 4Page - Rohm TCTPL0G107M8R Datasheet HTML 5Page - Rohm TCTPL0G107M8R Datasheet HTML 6Page - Rohm TCTPL0G107M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/6
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.12 - Rev.H
Data Sheet
TCT Series PL Case
Rated table
Rated voltage (V,DC)
Remark) Case size codes (PL) in the above show products line-up.
Under development
(
μF)
4
2.5
4.7 (475)
6.8 (685)
10 (106)
15 (156)
22 (226)
33 (336)
47 (476)
68 (686)
100 (107)
150 (157)
6.3
10
16
20
35
PL
PL
PL
PL
PL
PL
∗PL
∗PL
∗PL
PL
2.2 (225)
1.0 (105)
PL
PL
1.5 (155)
∗PL
PL
∗PL
∗PL
PL
25
3.3 (335)
∗PL
Marking
The indications listed below should be given on the surface of a capacitor.
(3) Capacitance value
Voltage
Code
Rated DC
Voltage (V)
Capacitance
Code
Nominal
Capacitance (
μF)
[PL case]
note 1)
note 2) voltage code and capacitance code are variable with parts number
(1)
j
(2)
n
g
j
A
C
D
V
4
e
2.5
6.3
10
16
20
35
S
W
a
e
j
n
4.7
N
3.3
J
2.2
E
1.5
A
1.0
6.8
10
15
22
33
s47
w68
100
a
150
e
E
25
j n
j n
manufacture code
: Due to the small size of PL case, a voltage code is used as shown below.
: The polarity should be shown by
bar. (on the anode side)
(1) Polarity
(2) Rated DC voltage
: Due to the small size of PL case,a capacitance code is used as shown below.
(1)voltage code
(2)capacitance code


Similar Part No. - TCTPL0G107M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTPL0G107M8R ROHM-TCTPL0G107M8R Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCTPL0G107M8R ROHM-TCTPL0G107M8R Datasheet
150Kb / 7P
   Tantalum capacitors (Bottom surface electrode type : Large capacitance)
More results

Similar Description - TCTPL0G107M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_CL ROHM-TCT_CL_11 Datasheet
178Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AS ROHM-TCT_AS_11 Datasheet
181Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_PL ROHM-TCT_PL_11 Datasheet
150Kb / 7P
   Tantalum capacitors (Bottom surface electrode type : Large capacitance)
TCTO_P ROHM-TCTO_P_12 Datasheet
185Kb / 6P
   Conductive polymer chip tantalum capacitors( Bottom surface electrode type : Large capacitance)
TCTO_AL ROHM-TCTO_AL_12 Datasheet
169Kb / 6P
   Conductive polymer chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCTO_M ROHM-TCTO_M_12 Datasheet
190Kb / 6P
   Conductive polymer chip capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com