Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS646 Datasheet(PDF) 3 Page - Analog Devices

Part No. ADXRS646
Description  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXRS646 Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADXRS646
Rev. 0 | Page 3 of 12
SPECIFICATIONS
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
TA = 25°C, VS = AVCC = VDD = 6 V, VRATIO = AVCC, angular rate = 0°/sec, bandwidth = 80 Hz (COUT = 0.01 µF), IOUT = 100 µA, ±1 g, unless
otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSITIVITY1
Clockwise rotation is positive output
Measurement Range2
Full-scale range over specifications range
±250
±300
°/sec
Initial
8.5
9
9.5
mV/°/sec
Temperature Drift3
±3
%
Nonlinearity
Best fit straight line
0.01
% of FS
NULL1
Null
−40°C to +105°C
2.7
3.0
3.3
V
Calibrated Null4
−40°C to +105°C
±0.1
°/sec
Temperature Drift3
±3
°/sec
Linear Acceleration Effect
Any axis
0.015
°/sec/g
Vibration Rectification
25 g rms, 50 Hz to 5 kHz
0.0001
°/sec/g2
NOISE PERFORMANCE
Rate Noise Density
TA ≤ 25°C
0.01
°/sec/√Hz
Rate Noise Density
TA ≤ 105°C
0.015
°/sec/√Hz
Resolution Floor
TA = 25°C, 1 minute to 1 hour in-run
12
°/hr
FREQUENCY RESPONSE
Bandwidth5
±3 dB user adjustable up to specification
1000
Hz
Sensor Resonant Frequency
15.5
17.5
20
kHz
SELF-TEST1
ST1 RATEOUT Response
ST1 pin from Logic 0 to Logic 1
−50
°/sec
ST2 RATEOUT Response
ST2 pin from Logic 0 to Logic 1
50
°/sec
ST1 to ST2 Mismatch6
−5
±0.5
+5
%
Logic 1 Input Voltage
ST1 pin or ST2 pin
4
V
Logic 0 Input Voltage
2
V
Input Impedance
ST1 pin or ST2 pin to common
40
50
100
kΩ
TEMPERATURE SENSOR1
VOUT at 25°C
Load = 10 MΩ
2.8
2.9
3.0
V
Scale Factor4
25°C, VRATIO = 6 V
10
mV/°C
Load to VS
25
kΩ
Load to Common
25
kΩ
TURN-ON TIME4
Power on to ±0.5°/sec of final with CP5 = 100 nF
50
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
µA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (VS)
5.75
6.00
6.25
V
Quiescent Supply Current
4
mA
TEMPERATURE RANGE
Specified Performance
−40
+105
°C
1
Parameter is linearly ratiometric with VRATIO.
2
Measurement range is the maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3
From +25°C to −40°C or +25°C to +105°C.
4
Based on characterization.
5
Adjusted by external capacitor, COUT. Reducing bandwidth below 0.01 Hz does not result in further noise improvement.
6
Self-test mismatch is described as (ST2 + ST1)/((ST2 − ST1)/2).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn