Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS646 Datasheet(PDF) 8 Page - Analog Devices

Part No. ADXRS646
Description  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXRS646 Datasheet(HTML) 8 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADXRS646
Data Sheet
Rev. 0 | Page 8 of 12
Figure 16. VTEMP Output at 25°C (VRATIO = 5 V)
Figure 17. VTEMP Output vs. Temperature
Figure 18. Current Consumption at 25°C (VRATIO = 5 V)
80
70
60
50
40
30
20
10
0
VTEMP OUTPUT (V)
4.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TEMPERATURE (°C)
–100
–50
0
50
100
150
35
30
25
20
15
10
5
0
CURRENT CONSUMPTION (mA)
2.8
2.9
3.0
3.1
3.2
3.3
3.4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn