Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS646 Datasheet(PDF) 7 Page - Analog Devices

Part No. ADXRS646
Description  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXRS646 Datasheet(HTML) 7 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADXRS646
Rev. 0 | Page 7 of 12
Figure 10. ST1 Output Change at 25°C (VRATIO = 5 V)
Figure 11. ST1 Output Change vs. Temperature, 16 Parts in Sockets
Figure 12. Self-Test Mismatch at 25°C (VRATIO = 5 V)
Figure 13. ST2 Output Change at 25°C (VRATIO = 5 V)
Figure 14. ST2 Output Change vs. Temperature, 16 Parts in Sockets
Figure 15. ADXRS646 Frequency Response with a 2.2 kHz Output Filter
25
0
5
10
15
20
ST1Δ (mV)
–0.30
–0.35
–0.40
–0.45
–0.50
–0.55
–0.60
–0.65
–0.70
–0.75
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
70
60
50
40
30
20
10
0
MISMATCH (%)
–4
–3
–2
–1
0
1
2
3
4
25
0
5
10
15
20
ST2Δ (mV)
0.75
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
9
–18
–15
–12
–9
–6
–3
0
3
6
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (kHz)
0.1
1
10
COUT = 470pF
MAGNITUDE
PHASE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn