Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS646 Datasheet(PDF) 5 Page - Analog Devices

Part No. ADXRS646
Description  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXRS646 Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADXRS646
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
6D, 7D
CP5
HV Filter Capacitor, 100nF (±5%).
6A, 7B
CP4
Charge Pump Capacitor, 22 nF (±5%).
6C, 7C
CP3
Charge Pump Capacitor, 22 nF (±5%).
5A, 5B
CP1
Charge Pump Capacitor, 22 nF (±5%).
4A, 4B
CP2
Charge Pump Capacitor, 22 nF (±5%).
3A, 3B
AVCC
Positive Analog Supply.
1B, 2A
RATEOUT
Rate Signal Output.
1C, 2C
SUMJ
Output Amp Summing Junction.
1D, 2D
DNC
Do Not Connect to this Pin.
1E, 2E
VRATIO
Reference Supply for Ratiometric Output.
1F, 2G
AGND
Analog Supply Return.
3F, 3G
TEMP
Temperature Voltage Output.
4F, 4G
ST2
Self-Test for Sensor 2.
5F, 5G
ST1
Self-Test for Sensor 1.
6G, 7F
PGND
Charge Pump Supply Return.
6E, 7E
VDD
Positive Charge Pump Supply.
PGND
ST1
ST2
TEMP
AGND
VRATIO DNC
SUMJ
RATEOUT
AVCC
CP2
CP1
CP4
CP3
CP5
VDD
G
F
E
D
C
B
A
7
6
5
4
3
2
1
NOTES
1. DNC = DO NOT CONNECT TO THIS PIN.
BOTTOM VIEW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn