Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS646 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADXRS646
Description  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXRS646 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADXRS646
Data Sheet
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, 0.5 ms)
Unpowered
10,000 g
Powered
10,000 g
VDD, AVCC
−0.3 V to +6.6 V
VRATIO
AVCC
ST1, ST2
AVCC
Output Short-Circuit Duration
(Any Pin to Common)
Indefinite
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Drops onto hard surfaces can cause shocks of greater than
10,000 g and can exceed the absolute maximum rating of the
device. Care should be exercised in handling to avoid damage.
RATE SENSITIVE AXIS
This is a Z-axis rate-sensing device (also called a yaw rate-
sensing device). It produces a positive going output voltage
for clockwise rotation about the axis normal to the package
top, that is, clockwise when looking down at the package lid.
Figure 2. RATEOUT Signal Increases with Clockwise Rotation
ESD CAUTION
RATE
AXIS
LONGITUDINAL
AXIS
LATERAL AXIS
+
AB C D
G
1
7
EF
A1
RATE OUT
RATE IN
4.75V
0.25V
AVCC = 5V
VRATIO/2
GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn