Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUP302 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BUP302
Description  IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BUP302 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Jul-30-1996
BUP 302
Maximum Ratings
Parameter
Symbol
Values
Unit
DIN humidity category, DIN 40 040
-
E
-
IEC climatic category, DIN IEC 68-1
-
55 / 150 / 56
Thermal Resistance
Thermal resistance, chip case
RthJC
≤ 1
K/W
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Gate threshold voltage
VGE = VCE, IC = 0.3 mA
VGE(th)
4.5
5.5
6.5
V
Collector-emitter saturation voltage
VGE = 15 V, IC = 5 A, Tj = 25 °C
VGE = 15 V, IC = 5 A, Tj = 125 °C
VGE = 15 V, IC = 5 A, Tj = 150 °C
VCE(sat)
-
-
-
4
3.8
2.8
4.5
4.3
3.3
Zero gate voltage collector current
VCE = 1000 V, VGE = 0 V, Tj = 25 °C
VCE = 1000 V, VGE = 0 V, Tj = 125 °C
ICES
-
-
-
1
300
100
µA
Gate-emitter leakage current
VGE = 20 V, VCE = 0 V
IGES
-
0.1
100
nA
AC Characteristics
Transconductance
VCE = 20 V, IC = 1.5 A
gfs
1.7
2.5
-
S
Input capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Ciss
-
650
870
pF
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Coss
-
50
80
Reverse transfer capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Crss
-
20
30


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BUP200IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP604IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP203IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP213IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP300IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP303IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP304IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP307IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP313IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP314IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn