Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUP302 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BUP302
Description  IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BUP302 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Jul-30-1996
BUP 302
Typ. gate charge
VGE = ƒ(QGate)
parameter:
I
C puls = 6 A
0
10
20
30
40
50
nC
65
Q
Gate
0
2
4
6
8
10
12
14
16
V
20
V
GE
800 V
400 V
Typ. capacitances
C = f (VCE)
parameter:
VGE = 0 V, f = 1 MHz
Typ. switching time
t = f (RG), inductive load, Tj = 125 °C
parameter:
VCE = 600 V, VGE = ± 15 V, IC = 5 A


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BUP200IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP604IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP203IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP213IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP300IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP303IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP304IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP307IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP313IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP314IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn