Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUP302 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BUP302
Description  IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BUP302 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Jul-30-1996
BUP 302
Typ. output characteristics
IC = f(VCE)
parameter:
tp = 80 µs, Tj = 125 °C
Typ. transfer characteristics
IC = f (VGE)
parameter:
tP = 80 µs, VCE = 20 V, Tj = 25 °C
Typ. saturation characteristics
VCE(sat) = f (VGE)
parameter:
Tj = 25 °C
Typ. saturation characteristics
VCE(sat) = f (VGE)
parameter:
Tj = 125 °C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BUP200IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP604IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP203IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP213IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP300IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP303IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP304IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP307IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP313IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP314IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn