Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5114 Datasheet(PDF) 22 Page - Analog Devices

Part No. AD5114
Description  Single-Channel, 128-/64-/32-Position, Up/Down, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5114 Datasheet(HTML) 22 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5111/AD5113/AD5115
Data Sheet
Rev. 0 | Page 22 of 24
OUTLINE DIMENSIONS
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
2.00
BSC SQ
SEATING
PLANE
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 47. 8-Lead Frame Chip Scale Package [LFCSP_UD]
2 mm × 2 mm Body, Very Thin, Dual Lead (CP-8-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RAB (kΩ)
Resolution
Temperature
Range
Package
Description
Package
Option
Branding
Code
AD5111BCPZ10-RL7
10
128
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7S
AD5111BCPZ10-500R7
10
128
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7S
AD5111BCPZ80-RL7
80
128
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7T
AD5111BCPZ80-500R7
80
128
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7T
AD5113BCPZ5-RL7
5
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
85
AD5113BCPZ5-500R7
5
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
85
AD5113BCPZ10-RL7
10
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
84
AD5113BCPZ10-500R7
10
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
84
AD5113BCPZ80-RL7
80
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
86
AD5113BCPZ80-500R7
80
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
86
AD5115BCPZ10-RL7
10
32
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7Y
AD5115BCPZ10-500R7
10
32
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7Y
AD5115BCPZ80-RL7
80
32
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7Z
AD5115BCPZ80-500R7
80
32
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7Z
EVAL-AD5111SDZ
Evaluation Board
1
Z = RoHS Compliant Part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn