Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5114 Datasheet(PDF) 16 Page - Analog Devices

Part No. AD5114
Description  Single-Channel, 128-/64-/32-Position, Up/Down, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5114 Datasheet(HTML) 16 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5111/AD5113/AD5115
Data Sheet
Rev. 0 | Page 16 of 24
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
–1
1
3
5
TIME (µs)
7
9
5k
10k
80k
VDD = 5V
VA = VDD
VB = GND
Figure 30. Maximum Transition Glitch
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.0005
0.0010
0.0015
0.0020
0.0025
–400
–500
–600
–300 –200 –100
0
100
200
300
400
500
600
RESISTOR DRIFT (ppm)
Figure 31. Resistor Lifetime Drift
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
5k
10k
80k
VDD = 5V ± 10% AC
VA = 4V
VB = GND
CODE = HALF SCALE
TA = 25°C
Figure 32. Power Supply Rejection Ratio (PSRR) vs. Frequency
–120
–100
–80
–60
–40
–20
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (µs)
VDD = 5V
VA = VDD
VB = GND
CODE = HALF SCALE
Figure 33. Digital Feedthrough
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
1M
10M
FREQUENCY (Hz)
5k
10k
80k
Figure 34. Shutdown Isolation vs. Frequency
0
1
2
3
4
5
6
7
10k
80k
5k
0
20
40
60
CODE (Decimal)
80
100
120
0
10
20
30
40
50
60
0
5
10
15
20
25
30
AD5111
AD5113
AD5115
Figure 35. Theoretical Maximum Current vs. Code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn