Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5114 Datasheet(PDF) 8 Page - Analog Devices

Part No. AD5114
Description  Single-Channel, 128-/64-/32-Position, Up/Down, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5114 Datasheet(HTML) 8 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5111/AD5113/AD5115
Data Sheet
Rev. 0 | Page 8 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS3, 10
Bandwidth
BW
Code = half scale, −3 dB
RAB = 10 kΩ
2
MHz
RAB = 80 kΩ
200
kHz
Total Harmonic Distortion
THD
VA = VDD/2 + 1 V rms, VB = VDD/2,
f = 1 kHz, code = half scale
RAB = 10 kΩ
−80
dB
RAB = 80 kΩ
−85
dB
VW Settling Time
ts
VA = 5 V, VB = 0 V, ±0.5 LSB error
band
RAB = 10 kΩ
2.7
μs
RAB = 80 kΩ
9.5
μs
Resistor Noise Density
eN_WB
Code = half scale, TA = 25°C,
f = 100 kHz
RAB = 10 kΩ
9
nV/√Hz
RAB = 80 kΩ
20
V
FLASH/EE MEMORY RELIABILITY3
Endurance11
TA = 25°C
1
MCycles
100
kCycles
Data Retention12
50
Years
1 Typical values represent average readings at 25°C, VDD = 5 V, VSS = 0 V, and VLOGIC = 5 V.
2 R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions. R-DNL measures the relative step
change from ideal between successive tap positions. The maximum wiper current is limited to 0.8 × VDD/RAB.
3 Guaranteed by design and characterization; not subject to production test.
4 INL and DNL are measured at VWB with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
5 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on current direction with respect to each other.
6 CA is measured with VW = VA = 2.5 V, CB is measured with VW = VB = 2.5 V, and CW is measured with VA = VB = 2.5 V.
7 Different from operating current; supply current for NVM program lasts approximately 30 ms.
8 Different from operating current; supply current for NVM read lasts approximately 20 μs.
9 PDISS is calculated from (IDD × VDD).
10 All dynamic characteristics use VDD = 5.5 V and VLOGIC = 5 V.
11 Endurance is qualified at 100,000 cycles per JEDEC Standard 22, Method A117 and measured at 150°C.
12 Retention lifetime equivalent at junction temperature (TJ) is 125°C per JEDEC Standard 22, Method A117. Retention lifetime based on an activation energy of 1 eV
derates with junction temperature in the Flash/EE memory.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn