Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5110 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD5110
Description  Single-Channel, 64-Position, Push Button, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5110 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD5116
Data Sheet
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to GND
–0.3 V to +7.0 V
VA, VW , VB to GND
GND − 0.3 V to VDD + 0.3 V
IA, IW , IB
Pulsed1
Frequency > 10 kHz
RAW = 5 kΩ and 10 kΩ
±6 mA/d2
RAW = 80 kΩ
±1.5 mA/d2
Frequency ≤ 10 kHz
RAW = 5 kΩ and 10 kΩ
±6 mA/√d2
RAW = 80 kΩ
±1.5 mA/√d2
Continuous
RAW = 5 kΩ and 10 kΩ
±6mA
RAW = 80 kΩ
±1.5mA
Push Button Inputs
−0.3 V to +7 V or VDD + 0.3 V
(whichever is less)
Operating Temperature Range3
−40°C to +125°C
Maximum Junction Temperature (TJ Max)
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time At Peak Temperature
20 sec to 40 sec
Package Power Dissipation
(TJ max − TA)/θJA
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Pulse duty factor.
3 Includes programming of EEPROM memory.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is defined by JEDEC specification JESD-51, and the value is
dependent on the test board and test environment.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead LFCSP
901
25
°C/W
1 JEDEC 2S2P test board, still air (0 m/sec air flow).
ESD CAUTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn