Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5110 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD5110
Description  Single-Channel, 64-Position, Push Button, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5110 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD5116
Data Sheet
Rev. 0 | Page 4 of 16
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
POWER SUPPLIES
Single-Supply Power Range
2.3
5.5
V
Positive Supply Current
IDD
VDD = 5 V
750
nA
EEMEM Store Current3, 7
IDD_NVM_STORE
2
mA
EEMEM Read Current3, 8
IDD_NVM_READ
320
µA
Power Dissipation9
PDISS
VIH = VLOGIC or VIL = GND
5
µW
Power Supply Rejection3
PSR
∆VDD/∆VSS = 5 V ± 10%
RAB = 5 kΩ
−43
dB
RAB =10 kΩ
−50
dB
RAB = 80 kΩ
−64
dB
DYNAMIC CHARACTERISTICS3, 10
Bandwidth
BW
Code = half scale − 3 dB
RAB = 5 kΩ
4
MHz
RAB = 10 kΩ
2
MHz
RAB = 80 kΩ
200
kHz
Total Harmonic Distortion
THD
VA = VDD/2 + 1 V rms, VB = VDD/2,
f = 1 kHz, code = half scale
RAB = 5 kΩ
−75
dB
RAB = 10 kΩ
−80
dB
RAB = 80 kΩ
−85
dB
VW Settling Time
ts
VA = 5 V, VB = 0 V, ±0.5 LSB error
band
RAB = 5 kΩ
2.5
µs
RAB = 10 kΩ
3
µs
RAB = 80 kΩ
10
µs
Resistor Noise Density
eN_WB
Code = half scale, TA = 25°C,
f = 100 kHz
RAB = 5 kΩ
7
nV/√Hz
RAB = 10 kΩ
9
nV/√Hz
RAB = 80 kΩ
20
nV/√Hz
FLASH/EE MEMORY RELIABILITY3
Endurance11
TA = 25°C
1
MCycles
100
kCycles
Data Retention12
50
Years
1
Typical values represent average readings at 25°C, VDD = 5 V, VSS = 0 V, and VLOGIC = 5 V.
2
Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. The maximum wiper current is limited to 0.8 × VDD/RAB.
3
Guaranteed by design and characterization, not subject to production test.
4
INL and DNL are measured at VWB with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
5
Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other.
6
CA is measured with VW = VA = 2.5 V, CB is measured with VW = VB = 2.5 V, and CW is measured with VA = VB = 2.5 V.
7
Different from operating current; supply current for NVM program lasts approximately 30 ms.
8
Different from operating current; supply current for NVM read lasts approximately 20 µs.
9
PDISS is calculated from (IDD × VDD).
10
All dynamic characteristics use VDD = 5.5 V, and VLOGIC = 5 V.
11
Endurance is qualified at 100,000 cycles per JEDEC Standard 22, Method A117 and measured at 150°C.
12
Retention lifetime equivalent at junction temperature (TJ) = 125°C per JEDEC Standard 22, Method A117. Retention lifetime based on an activation energy of 1 eV
derates with junction temperature in the Flash/EE memory.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn