Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUP200 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BUP200
Description  IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BUP200 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Dec-06-1995
BUP 200
IGBT
Preliminary data
• Low forward voltage drop
• High switching speed
• Low tail current
• Latch-up free
• Avalanche rated
Pin 1
Pin 2
Pin 3
G
C
E
Type
VCE
IC
Package
Ordering Code
BUP 200
1200V 3.6A
TO-220 AB
Q67078-A4400-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE
1200
V
Collector-gate voltage
RGE = 20 kΩ
VCGR
1200
Gate-emitter voltage
VGE
± 20
DC collector current
TC = 25 °C
TC = 90 °C
IC
2.4
3.6
A
Pulsed collector current,
tp = 1 ms
TC = 25 °C
TC = 90 °C
ICpuls
4.8
7.2
Avalanche energy, single pulse
IC = 1.5 A, VCC = 50 V, RGE = 25 Ω
L = 3.3 mH, Tj = 25 °C
EAS
3.5
mJ
Power dissipation
TC = 25 °C
Ptot
50
W
Chip or operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BUP203IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP604IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP213IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP300IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP302IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP303IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP304IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP307IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP313IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP314IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn