Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5112 Datasheet(PDF) 27 Page - Analog Devices

Part No. AD5112
Description  Single-Channel, 128-/64-/32-Position, I2C, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5112 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5112 Datasheet HTML 20Page - Analog Devices AD5112 Datasheet HTML 21Page - Analog Devices AD5112 Datasheet HTML 22Page - Analog Devices AD5112 Datasheet HTML 23Page - Analog Devices AD5112 Datasheet HTML 24Page - Analog Devices AD5112 Datasheet HTML 25Page - Analog Devices AD5112 Datasheet HTML 26Page - Analog Devices AD5112 Datasheet HTML 27Page - Analog Devices AD5112 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
AD5110/AD5112/AD5114
Rev. 0 | Page 27 of 28
OUTLINE DIMENSIONS
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
2.00
BSC SQ
SEATING
PLANE
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 51. 8-Lead Frame Chip Scale Package[LFCSP_UD]
2.00 mm × 2.00 mm Body, Ultra Thin, Dual Lead
(CP-8-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RAB (kΩ)
Resolution
Temperature
Range
Package
Description
I2C Address
Package
Option
Branding
AD5110BCPZ10-RL7
10
128
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
4J
AD5110BCPZ10-500R7
10
128
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
4J
AD5110BCPZ10-1-RL7
10
128
−40°C to +125°C
8-Lead LFCSP_UD
0101100
CP-8-10
4H
AD5110BCPZ80-RL7
80
128
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
4L
AD5110BCPZ80-500R7
80
128
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
4L
AD5110BCPZ80-1-RL7
80
128
−40°C to +125°C
8-Lead LFCSP_UD
0101100
CP-8-10
4K
AD5112BCPZ5-RL7
5
64
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
7P
AD5112BCPZ5-500R7
5
64
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
7P
AD5112BCPZ5-1-RL7
5
64
−40°C to +125°C
8-Lead LFCSP_UD
0101100
CP-8-10
7N
AD5112BCPZ10-RL7
10
64
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
7L
AD5112BCPZ10-500R7
10
64
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
7L
AD5112BCPZ10-1-RL7
10
64
−40°C to +125°C
8-Lead LFCSP_UD
0101100
CP-8-10
7K
AD5112BCPZ80-RL7
80
64
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
7R
AD5112BCPZ80-500R7
80
64
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
7R
AD5112BCPZ80-1-RL7
80
64
−40°C to +125°C
8-Lead LFCSP_UD
0101100
CP-8-10
7Q
AD5114BCPZ10-RL7
10
32
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
81
AD5114BCPZ10-500R7
10
32
−40°C to +125°C
8-Lead LFCSP_UD
0101111
CP-8-10
81
AD5114BCPZ10-1-RL7
10
32
−40°C to +125°C
8-Lead LFCSP_UD
0101100
CP-8-10
80
AD5114BCPZ80-RL7
80
32
−40°C to +125°C
8-Lead LFCSP_WD
0101111
CP-8-10
83
AD5114BCPZ80-500R7
80
32
−40°C to +125°C
8-Lead LFCSP_WD
0101111
CP-8-10
83
AD5114BCPZ80-1-RL7
80
32
−40°C to +125°C
8-Lead LFCSP_WD
0101100
CP-8-10
82
EVAL-AD5110SDZ
Evaluation Board
1
Z = RoHS Compliant Part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn