Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPA62 Datasheet(PDF) 5 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMTPA62
Description  TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMTPA62 Datasheet(HTML) 5 Page - Galaxy Semi-Conductor Holdings Limited

  SMTPA62 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMTPA62 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMTPA62 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMTPA62 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMTPA62 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMTPA62 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SM TPA
xx
SURFACE MOUNT
VOLTAGE
TRISIL
PROTECTION:
TM
Ipp=50A
RATINGS AND CHARACTERISTIC CURVES
part number
marking
package
weight
base QTY
delivery mode
SMTPA62
U01
SMTPA68
U05
SMTPA100
U13
SMTPA120
U17
SMTPA130
U19
SMTPA180
U25
SMTPA200
U27
SMTPA220
U31
SMTPA240
U35
SMTPA270
U39
FIG.1 -- NON REPETITIVE SURGE PEAK ON-STATE
FIG.2 -- ON-STATE VOLTAGE VERSUS ON-STATE
CURRENT VERSUS OVERLOAD DURATION
CURRENT (TYPICAL VALUES).
ORDER CODE
SMTPAxxx
SMB
0.11g
5000
tape & reel
ORDERING INFORMATION
BLGALAXY ELECTRICAL
Document Number 0286002
5.
www.galaxycn.com
0
1E+3
1E-2
1E-1
1E+0
1E+1
1E+2
t(s)
5
10
15
20
25
30
35
40
F=50Hz
ITSM(A)
1
1
VT(V)
23
45
8
7
69
10
2
10
5
50
20
IT(A)


Similar Part No. - SMTPA62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA62 STMICROELECTRONICS-SMTPA62 Datasheet
61Kb / 5P
   TRISILETM
SMTPA62 STMICROELECTRONICS-SMTPA62 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA62 STMICROELECTRONICS-SMTPA62 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Frontier Electronics.
SMTPA62 FRONTIER-SMTPA62 Datasheet
123Kb / 4P
   TELECOM EQUIPMENT PROTECTION竊숿RISILTM
logo
Shenzhen Luguang Electr...
SMTPA62 LUGUANG-SMTPA62 Datasheet
529Kb / 6P
   Telecommunication Protection
More results

Similar Description - SMTPA62

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPB BILIN-SMTPB Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com