Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPA120 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMTPA120
Description  TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMTPA120 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMTPA120 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMTPA120 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMTPA120 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMTPA120 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMTPA120 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMTPA120 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
D.U.T.
R
VBAT=-48V
Surge generator
MIN.
MAX.
MIN.
MAX.
A1
1.9
2.45
0.075
0.096
A2
0.05
0.2
0.002
0.008
b
1.95
2.2
0.077
0.087
c
0.15
0.41
0.006
0.016
E
5.1
5.6
0.201
0.22
E1
4.05
4.6
0.159
0.181
D
3.3
3.95
0.13
0.156
L
0.75
1.6
0.03
0.063
SMTPAxxx
RATINGS AND CHARACTERISTIC CURVES
TEST CIRCUIT 3 FOR IH PARAMETERS:
FOOT PRINT in millimeters (inches)
This is a GO-NO GO Test w hich allow s to confirm the holding current (IH) level in a functional test circuit.
TESTPROCEDURE :
1) Adjust the current level at the IH value by short circuiting the AK of the D.U.T.
2) Fire the D.U.T w ith a surge
current : Ipp = 10A , 10/1000 ms.
3) The D.U.T w ill come back off-state w ithin 50ms max.
PACKAGE MECHANICAL DATA
SMB(JEDEC DO-214AA)
REF.
DIMENSIONS
MILLIMETERS
INCHES
BLGALAXY ELECTRICAL
Document Number 0286002
4.
www.galaxycn.com
E1
E
L
b
1.52(0.059)
2.75(0.108)
1.52(0.059)


Similar Part No. - SMTPA120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA120 STMICROELECTRONICS-SMTPA120 Datasheet
61Kb / 5P
   TRISILETM
SMTPA120 STMICROELECTRONICS-SMTPA120 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA120 STMICROELECTRONICS-SMTPA120 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Frontier Electronics.
SMTPA120 FRONTIER-SMTPA120 Datasheet
123Kb / 4P
   TELECOM EQUIPMENT PROTECTION竊숿RISILTM
logo
Shenzhen Luguang Electr...
SMTPA120 LUGUANG-SMTPA120 Datasheet
529Kb / 6P
   Telecommunication Protection
More results

Similar Description - SMTPA120

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPB BILIN-SMTPB Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com