Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPB180 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMTPB180
Description  TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMTPB180 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SMTPB180 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMTPB180 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMTPB180 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMTPB180 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Vout
Auto
Transformer
220V/2A
static
relay.
Transformer
220V/800V
5A
k
IBO
measure
140
R1
R2
240
D.U.T
VBO
measure
tp=20ms
Vp
D.U.T.
R
Surge generator
VBAT=-48V
RATINGS AND CHARACTERISTIC CURVES
SMTPB---SERIES
This is a GO-NO GOTest which allows to confirm the holding current (IH) level in a functionaltest circuit.
TEST PROCEDURE :
1) Adjust the current level at the IH value by short circuiting the D.U.T.
2) Fire the D.U.T with a surge
current : Ipp = 10A , 10/1000
µ s.
3) The D.U.T will come back off-state within 50ms max.
TEST CIRCUIT 1 FOR IBO AND VBO PARAMETERS:
TEST CIRCUIT 2 FOR IH PARAMETER:
TEST PROCEDURE :
Pulse Test duration (tp = 20ms):
- For Bidirectional devices = SwitchK is closed
- For Unidirectional devices = Sw itch K is open.
VOUT Selection
- Device with VBO < 200 Volt
- VOUT = 250 VRMS, R1 = 140 Ω.
- Device with VBO
200 Volt
- VOUT = 480 VRMS, R2 = 240Ω.
BLGALAXY ELECTRICAL
Document Number 028600
6
3.
www.galaxycn.com


Similar Part No. - SMTPB180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPB180 STMICROELECTRONICS-SMTPB180 Datasheet
55Kb / 5P
   TRISILTM
logo
Shenzhen Taychipst Elec...
SMTPB180 TAYCHIPST-SMTPB180 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
More results

Similar Description - SMTPB180

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPAXXX BILIN-SMTPAXXX_03 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com