Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB-C165 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SAB-C165
Description  C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C165 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SAB-C165 Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C165 Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C165 Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C165 Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C165 Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C165 Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C165 Datasheet HTML 11Page - Siemens Semiconductor Group SAB-C165 Datasheet HTML 12Page - Siemens Semiconductor Group SAB-C165 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
C165
Semiconductor Group
8
P6.0 –
P6.7
84 -
91
84
...
88
89
90
91
I/O
O
...
O
I
O
O
Port 6 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 6 outputs can be configured as push/
pull or open drain drivers.
The following Port 6 pins also serve for alternate functions:
P6.0
CS0
Chip Select 0 Output
...
...
...
P6.4
CS4
Chip Select 4 Output
P6.5
HOLD
External Master Hold Request Input
P6.6
HLDA
Hold Acknowledge Output
P6.7
BREQ
Bus Request Output
P2.8 –
P2.15
92 -
99
92
...
99
I/O
I
...
I
Port 2 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 2 outputs can be configured as push/
pull or open drain drivers.
The following Port 2 pins also serve for alternate functions:
P2.8
EX0IN
Fast External Interrupt 0 Input
...
...
...
P2.15
EX7IN
Fast External Interrupt 7 Input
V
PP
42
-
Flash
programming
voltage.
This
pin
accepts
the
programming voltage for flash versions of the C165.
Note: This pin is not connected (NC) on non-flash versions.
V
CC
9, 30,
40, 51,
71, 80
-
Digital Supply Voltage:
+ 5 V during normal operation and idle mode.
≥ 2.5 V during power down mode
V
SS
6, 29,
41, 52,
72, 79
-
Digital Ground.
Pin Definitions and Functions (cont’d)
Symbol
Pin
No.
Input (I)
Output (O)
Function


Similar Part No. - SAB-C165

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB-C165 INFINEON-SAB-C165 Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
SAB-C165-L25F INFINEON-SAB-C165-L25F Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
SAB-C165-L25M INFINEON-SAB-C165-L25M Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
SAB-C165-LF INFINEON-SAB-C165-LF Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
SAB-C165-LF3V INFINEON-SAB-C165-LF3V Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
More results

Similar Description - SAB-C165

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
C167 SIEMENS-C167 Datasheet
2Mb / 56P
   High-Performance CMOS 16-Bit Microcontrollers
logo
Infineon Technologies A...
SAB80C166W INFINEON-SAB80C166W Datasheet
878Kb / 67P
   High-Performance CMOS 16-Bit Microcontrollers
10.94
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com