Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS734L1 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BTS734L1
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS734L1 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
BTS 734 L1
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
6
Diagnostic Characteristics
Open load detection current, (on-condition)
each channel,
Tj = -40°C:
Tj = 25°C:
Tj = 150°C:
I L (OL)
1
20
20
20
--
--
--
1050
800
800
mA
two parallel channels
twice the current of one channel
Open load detection voltage13)
Tj =-40..+150°C: VOUT(OL)
234
V
Internal output pull down
(OUT to GND), VOUT = 5 V
Tj =-40..+150°C: RO
41030
k
Input and Status Feedback14)
Input resistance
(see circuit page 8)
RI
2.5
3.5
6
k
Input turn-on threshold voltage
Tj =-40..+150°C:
VIN(T+)
1.7
--
3.3
V
Input turn-off threshold voltage
Tj =-40..+150°C:
VIN(T-)
1.5
--
--
V
Input threshold hysteresis
∆ V
IN(T)
--
0.5
--
V
Off state input current
VIN = 0.4 V:
Tj =-40..+150°C:
IIN(off)
1--
50
µA
On state input current
VIN = 5 V:
Tj =-40..+150°C:
IIN(on)
20
50
90
µA
Delay time for status with open load after switch
off
(see timing diagrams, page 13
),
Tj =-40..+150°C:
td(ST OL4)
100
520
1000
µs
Status invalid after positive input slope
(open load)
Tj =-40..+150°C:
td(ST)
--
250
600
µs
Status output (open drain)
Zener limit voltage
Tj =-40...+150°C, IST = +1.6 mA:
ST low voltage
Tj =-40...+25°C, IST = +1.6 mA:
Tj = +150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
--
6.1
--
--
--
0.4
0.6
V
13) External pull up resistor required for open load detection in off state.
14) If ground resistors R
GND are used, add the voltage drop across these resistors.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS712N1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS720L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS721L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn