Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC542LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC542LP4
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC542LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC542LP4_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC542LP4_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC542LP4_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC542LP4_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC542LP4_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC542LP4_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC542LP4_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC542LP4_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 2
DISC
ONT
INUE
D
PRO
DUC
T
Not R
ecom
men
ded
for N
ew D
esig
ns
Return Loss RF1, RF2
(Only Major States are Shown)
Insertion Loss
Normalized Attenuation
(Only Major States are Shown)
Bit Error vs. Frequency
(Only Major States are Shown)
Relative Phase vs. Frequency
(Only Major States are Shown)
Bit Error vs. Attenuation State
-3
-2.5
-2
-1.5
-1
-0.5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
-40
-20
0
20
40
60
80
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
8 dB
16 dB
31.5 dB
0.5-4 dB
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
16 dB
0.5-8B
31.5 dB
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
0.5-16 dB
31.5 dB
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
4
8
12
16
20
24
28
32
ATTENUATION STATE (dB)
3 GHz
2 GHz
1 GHz
500 MHz
40 MHz
100 MHz
HMC542LP4 / 542LP4E
v03.0809
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
SERIAL CONTROL ATTENUATOR, DC - 3 GHz


Similar Part No. - HMC542LP4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC542LP4E HITTITE-HMC542LP4E Datasheet
469Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3.0 GHz
HMC542LP4E HITTITE-HMC542LP4E Datasheet
322Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
HMC542LP4 HITTITE-HMC542LP4_09 Datasheet
322Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
More results

Similar Description - HMC542LP4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC542LP4 HITTITE-HMC542LP4_09 Datasheet
322Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC542BLP4E AD-HMC542BLP4E Datasheet
742Kb / 9P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC542ALP4 HITTITE-HMC542ALP4 Datasheet
968Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
HMC542LP4 HITTITE-HMC542LP4 Datasheet
469Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3.0 GHz
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC1095LP4E HITTITE-HMC1095LP4E Datasheet
165Kb / 1P
   0.5 dB LSB GaAs MMIC 6-BIT 75 Ohms DIGITAL ATTENUATOR, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com