Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

412MS8GE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 412MS8GE
Description  DOUBLE-BALANCED MIXER, 9 - 15 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

412MS8GE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  412MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 412MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 412MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 412MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 412MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 412MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 5
DISC
ONT
INUE
D
PRO
DUC
T
Not R
ecom
men
ded
for N
ew D
esig
ns
Pin Number
Function
Description
interface schematic
1, 8
GND
Ground: Pin must connect to rF ground.
2
LO
This pin is AC coupled
and matched to 50 Ohms.
3, 4, 6
N/C
Not Connected
5
iF
iF Port: This pin is DC coupled. For applications not requiring
operation to DC, this port should be DC blocked externally
using a series capacitor whose values has been chosen to
pass the necessary iF frequency range. For operation to DC,
this pin must not source/sink more than 4mA of current or die
non-function and possible die failure will result.
7
rF
This pin is AC coupled
and matched to 50 Ohms.
Pin Descriptions
HMC412MS8G / 412MS8GE
DOUBLE-BALANCED
MIXER, 9 - 15 GHz
v02.0607


Similar Part No. - 412MS8GE

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
412MR2C HB-412MR2C Datasheet
203Kb / 3P
   LED
412MWO4C HB-412MWO4C Datasheet
81Kb / 3P
   LED
412MY8C HB-412MY8C Datasheet
156Kb / 9P
   LED
More results

Similar Description - 412MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC412AMS8G HITTITE-HMC412AMS8G Datasheet
647Kb / 6P
   DOUBLE-BALANCED MIXER, 9 - 15 GHz
logo
HBH Microwave GmbH
HX5006 HBH-HX5006 Datasheet
67Kb / 3P
   9 - 11 GHz Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC410MS8G HITTITE-HMC410MS8G_10 Datasheet
489Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
HMC410AMS8G HITTITE-HMC410AMS8G Datasheet
588Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
logo
Tyco Electronics
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
   GaAs MMIC Double Balanced 11-15 GHz Mixer
logo
Analog Devices
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
   15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
logo
Hittite Microwave Corpo...
HMC219AMS8 HITTITE-HMC219AMS8 Datasheet
565Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 9 GHz
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Hittite Microwave Corpo...
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
logo
ATMEL Corporation
U2795B ATMEL-U2795B Datasheet
457Kb / 14P
   2.5-GHz Double balanced Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com