Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC340LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC340LP5
Description  GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC340LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 3
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
Single Channel: Input IP3
vs. Temperature @ LO = +13 dBm
Single Channel: Input IP2
vs. Temperature @ LO = +13 dBm
10
15
20
25
30
1.5
2
2.5
3
3.5
4
4.5
5
LO= +11dBm
LO= +13dBm
LO= +15dBm
RF FREQUENCY (GHz)
10
15
20
25
30
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
RF FREQUENCY (GHz)
30
35
40
45
50
55
60
65
70
1.5
2
2.5
3
3.5
4
4.5
5
LO= +11dBm
LO= +13dBm
LO= +15dBm
RF FREQUENCY (GHz)
30
35
40
45
50
55
60
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
RF FREQUENCY (GHz)
Single Channel: Upconverter
Conversion Gain vs. LO Drive
-20
-15
-10
-5
0
1.5
2
2.5
3
3.5
4
4.5
5
LO= +9dBm
LO= +11dBm
LO= +13dBm
LO= +15dBm
RF FREQUENCY (GHz)
5
10
15
20
25
30
1.5
2
2.5
3
3.5
4
4.5
5
LO= +11dBm
LO= +13dBm
LO= +15dBm
RF FREQUENCY (GHz)
Single Channel:
Input IP3 vs. LO Drive
Single Channel:
Input IP2 vs. LO Drive
Single Channel:
Upconverter IP3 vs. LO Drive
HMC340LP5 / 340LP4E
v02.0108
GaAs MMIC SMT DOUBLE-BALANCED
DUAL MIXER, 1.7 - 4.5 GHz


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn