Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS720L1 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BTS720L1
Description  Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS720L1 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BTS720L1 Datasheet HTML 1Page - Siemens Semiconductor Group BTS720L1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS720L1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS720L1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS720L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS720L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS720L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS720L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS720L1 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BTS720L1
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
Page 5
26.Feb.96
Protection Functions
Initial peak short circuit current limit, (see timing
diagrams, page 11)
each channel, Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL(SCp)
16
12
7
22
18
11
28
24
15
A
two parallel channels
twice the current of one channel
four parallel channels
four times the current of one channel
Repetitive short circuit current limit,
Tj = Tjt
each channel
two parallel channels
four parallel channels
(see timing diagrams, page 11)
IL(SCr)
--
--
--
10
10
10
--
--
--
A
Initial short circuit shutdown time
Tj,start =-40°C:
Tj,start = 25°C:
(see page 10 and timing diagrams on page 11)
toff(SC)
--
--
3.8
3
--
--
ms
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Reverse Battery
Reverse battery voltage 10)
-
Vbb
--
--
32
V
Drain-source diode voltage (Vout > Vbb)
IL = - 2.9 A, Tj = +150°C
-
VON
--
610
--
mV
Diagnostic Characteristics
Open load detection current, (on-condition)
each channel,
Tj = -40°C:
Tj = 25°C:
Tj = +150°C:
I L (OL)
4
800
800
550
--
--
--
1450
1300
1200
mA
two parallel channels
twice the current of one channel
four parallel channels
four times the current of one channel
Open load detection voltage11)
Tj =-40..+150°C: VOUT(OL)
234
V
Internal output pull down
(OUT to GND), VOUT = 5 V
Tj =-40..+150°C: RO
41030
k
10
) Requires a 150 Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 3 and circuit page 8).
11) External pull up resistor required for open load detection in off state.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS712N1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS721L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS442D2Smart Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn