Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS720L1 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BTS720L1
Description  Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS720L1 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BTS720L1
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
Page 4
26.Feb.96
Nominal load current
one channel active:
two parallel channels active:
four parallel channels active:
Device on PCB5),
Ta
= 85°C, Tj ≤ 150°C
IL(NOM)
2.5
3.8
5.9
2.9
4.3
6.3
--
A
Output current while GND disconnected or pulled
up; Vbb = 30 V, VIN = 0, see diagram page 9
IL(GNDhigh)
--
--
10
mA
Turn-on time
to 90%
VOUT:
Turn-off time
to 10%
VOUT:
RL = 12
, Tj =-40...+150°C
ton
toff
80
80
200
200
400
400
µs
Slew rate on
10 to 30%
VOUT, RL = 12
,
Tj =-40...+150°C:
d
V/dton
0.1
--
1
V/
µs
Slew rate off
70 to 40%
VOUT, RL = 12
,
Tj =-40...+150°C:
-d
V/dtoff
0.1
--
1
V/
µs
Operating Parameters
Operating voltage7)
Tj =-40...+150°C: Vbb(on)
5.0
--
24
V
Undervoltage shutdown
Tj =-40...+150°C: Vbb(under)
3.5
--
5.0
V
Undervoltage restart
Tj =-40...+25°C:
Tj =+150°C:
Vbb(u rst)
--
--
5.0
7.0
V
Undervoltage restart of charge pump
see diagram page 13
Tj =-40...+150°C:
Vbb(ucp)
--
5.6
7.0
V
Undervoltage hysteresis
∆V
bb(under) = Vbb(u rst) - Vbb(under)
∆V
bb(under)
--
0.2
--
V
Overvoltage shutdown
Tj =-40...+150°C: Vbb(over)
24
--
34
V
Overvoltage restart
Tj =-40...+150°C: Vbb(o rst)
23
--
--
V
Overvoltage hysteresis
Tj =-40...+150°C:
∆V
bb(over)
--
0.5
--
V
Overvoltage protection8)
Tj =-40...+150°C:
I bb = 40 mA
Vbb(AZ)
42
47
--
V
Standby current, all channels off
Tj =25°C:
VIN = 0
Tj =150°C:
Ibb(off)
--
--
28
44
60
70
µA
Leakage output current (included in
Ibb(off))
VIN = 0
IL(off)
--
--
12
µA
Operating current 9),
VIN = 5V, Tj =-40...+150°C
IGND = IGND1/2 + IGND3/4,
one channel on:
four channels on:
IGND
--
--
2
8
3
12
mA
7)
At supply voltage increase up to
Vbb = 5.6 V typ without charge pump, VOUT Vbb - 2 V
8)
see also
VON(CL) in circuit diagram on page 8.
9
)
Add
IST, if IST > 0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS712N1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS721L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS442D2Smart Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn