Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS712N1 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BTS712N1
Description  Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS712N1 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BTS712N1 Datasheet HTML 1Page - Siemens Semiconductor Group BTS712N1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS712N1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS712N1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS712N1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS712N1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS712N1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS712N1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS712N1 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BTS 712 N1
Maximum Ratings at Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Semiconductor Group
3
Load current (Short-circuit current, see page 5)
IL
self-limited
A
Load dump protection2)
VLoadDump = UA + Vs, UA = 13.5 V
RI3) = 2
Ω, td = 200 ms; IN = low or high,
each channel loaded with
RL = 7.1
Ω,
VLoad dump4)
60
V
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC)5
Ta = 25°C:
(all channels active)
Ta = 85°C:
Ptot
3.6
1.9
W
Inductive load switch-off energy dissipation, single pulse
Vbb = 12V, Tj,start = 150°C5),
IL = 1.9 A, ZL = 66 mH, 0 Ω
one channel:
IL = 2.8 A, ZL = 66 mH, 0 Ω
two parallel channels:
IL = 4.4 A, ZL = 66 mH, 0 Ω
four parallel channels:
see diagrams on page 9
EAS
150
320
800
mJ
Electrostatic discharge capability (ESD)
(Human Body Model)
VESD
1.0
kV
Input voltage (DC)
VIN
-10 ... +16
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagram page 8
IIN
IST
±2.0
±5.0
mA
Thermal resistance
junction - soldering point5),6)
each channel:
Rthjs
16
K/W
junction - ambient5)
one channel active:
all channels active:
Rthja
44
35
2
)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins, e.g. with a
150
Ω resistor in the GND connection and a 15 kΩ resistor in series with the status pin. A resistor for input
protection is integrated.
3)
RI = internal resistance of the load dump test pulse generator
4)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
5
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 14
6
)
Soldering point: upper side of solder edge of device pin 15. See page 14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS720L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS721L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS442D2Smart Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn