Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2920 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N2920
Description  NPN SILICON DUAL TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2920 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N2920 Datasheet HTML 1Page - Central Semiconductor Corp 2N2920 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
JEDEC TO-78 CASE - MECHANICAL OUTLINE
2N2920
NPN SILICON
DUAL TRANSISTORS
R0 (22-February 2007)
ELECTRICAL CHARACTERISTICS PER TRANSISTOR (continued): (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Cob
VCB=5.0V, IE=0, f=140kHz
6.0
pF
NF
VCE=5.0V, IC=10µA, RS=10kΩ
3.0
dB
f=1.0kHz, BW=200Hz
MATCHING CHARACTERISTICS:
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE1/hFE2*VCE=5.0V, IC=100µA
0.9
1.0
|VBE1-VBE2|VCE=5.0V, IC=10µA
5.0
mV
|VBE1-VBE2|VCE=5.0V, IC=100µA
3.0
mV
|VBE1-VBE2|VCE=5.0V, IC=1.0mA
5.0
mV
∆(VBE1-VBE2)VCE=5.0V, IC=100µA, TA= -55°C to +25°C
0.8
mV
∆(VBE1-VBE2)VCE=5.0V, IC=100µA, TA= +25°C to +125°C
1.0
mV
* The lowest hFE reading is taken as hFE1


Similar Part No. - 2N2920

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2920 SEME-LAB-2N2920 Datasheet
19Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
Semicoa Semiconductor
2N2920 SEMICOA-2N2920 Datasheet
31Kb / 1P
   Chip Type 2C2484 Geometry 0307 Polarity NPN
logo
Central Semiconductor C...
2N2920 CENTRAL-2N2920 Datasheet
52Kb / 1P
   Dual Transistors
logo
Semicoa Semiconductor
2N2920 SEMICOA-2N2920 Datasheet
208Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N2920 MICROSEMI-2N2920 Datasheet
304Kb / 4P
   NPN SILICON DUAL TRANSISTOR
More results

Similar Description - 2N2920

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N2223 CENTRAL-2N2223_15 Datasheet
435Kb / 2P
   SILICON DUAL NPN TRANSISTORS
2N2920 CENTRAL-2N2920_15 Datasheet
917Kb / 3P
   SILICON DUAL NPN TRANSISTORS
logo
Seme LAB
BCY89 SEME-LAB-BCY89 Datasheet
18Kb / 2P
   NPN SILICON PLANAR DUAL TRANSISTORS
logo
TT Electronics.
2N3904DCSM TTELEC-2N3904DCSM Datasheet
113Kb / 3P
   SILICON EPITAXIAL DUAL NPN TRANSISTORS
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
Seme LAB
BCY87 SEME-LAB-BCY87 Datasheet
42Kb / 2P
   NPN SILICON PLANAR DUAL TRANSISTORS
logo
Motorola, Inc
2N2639 MOTOROLA-2N2639 Datasheet
148Kb / 2P
   DUAL AMPLIFIER TRANSISTORS NPN SILICON
logo
Seme LAB
2N3904DCSM SEME-LAB-2N3904DCSM Datasheet
113Kb / 3P
   SILICON EPITAXIAL DUAL NPN TRANSISTORS
BFY81 SEME-LAB-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com