Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS707 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BTS707
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS707 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BTS 707
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
4
Turn-on time
to 90%
VOUT:
Turn-off time
to 10%
VOUT:
RL = 12
, V
bb = 20 V, T
j =-40...+150°C
ton
toff
15
20
--
--
80
70
µs
Slew rate on
10 to 30%
VOUT, RL = 12
, V
bb = 20 V,
Tj =-40...+150°C:
d
V/dton
--
--
6
V/
µs
Slew rate off
70 to 40%
VOUT, RL = 12
, V
bb = 20 V,
Tj =-40...+150°C:
-d
V/dtoff
--
--
7
V/
µs
Operating Parameters
Operating voltage4)
Tj =-40...+150°C: Vbb(on)
5.8
--
58
V
Undervoltage shutdown
Tj =-40...+150°C: Vbb(under)
2.7
--
4.7
V
Undervoltage restart
Tj =-40...+150°C: Vbb(u rst)
--
--
4.9
V
Undervoltage restart of charge pump
see diagram page 11
Tj =-40...+150°C:
Vbb(ucp)
--
5.6
7.5
V
Undervoltage hysteresis
∆V
bb(under) = Vbb(u rst) - Vbb(under)
∆V
bb(under)
--
0.4
--
V
Overvoltage protection5)
Tj =-40...+150°C:
I bb = 40 mA
Vbb(AZ)
65
70
--
V
Standby current, all channels off
VIN = 0
Tj =150°C:
Ibb(off)
--
--
20
70
µA
Operating current 6),
VIN = 5V, Tj =-40...+150°C
IGND = IGND1 + IGND2,
one channel on:
two channels on:
IGND
--
--
2.2
4.4
--
--
mA
Protection Functions
Initial peak short circuit current limit, (see timing
diagrams, page 9)
each channel, Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL(SCp)
--
--
4.0
--
10
--
19
--
--
A
two parallel channels
twice the current of one channel
Output clamp (inductive load switch off)7)
at VON(CL) = Vbb - VOUT
VON(CL)
59
--
75
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
4)
At supply voltage increase up to
Vbb = 5.6 V typ without charge pump, VOUT Vbb - 2 V
5)
see also
VON(CL) in circuit diagram on page 7.
6
)
Add
IST, if IST > 0
7
)
If channels are connected in parallel, output clamp is usually accomplished by the channel with the lowest
VON(CL)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS720L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS721L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS621L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn