Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BTS707 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BTS707
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BTS707 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTS 707
Maximum Ratings at Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Semiconductor Group
3
Power dissipation (DC)2)
Ta = 25°C:
(all channels active)
Ta = 85°C:
Ptot
3
1.6
W
Electrostatic discharge capability (ESD)
IN, ST:
(Human Body Model)
all other pins:
VESD
1.0
tbd (>1.0)
kV
Input voltage (DC)
VIN
-0.5 ... +36
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagram page 7
IIN
IST
±2.0
±5.0
mA
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
junction - soldering point2),3)
each channel:
Rthjs
--
--
18
K/W
junction - ambient2)
one channel active:
all channels active:
Rthja
--
--
45
37
--
--
2
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 12
3
)
Soldering point: upper side of solder edge of device pin 15. See page 12
Electrical Characteristics
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (Vbb to OUT)
IL = 2 A
each channel,
Tj = 25°C:
Vbb = 24 V
Tj = 150°C:
two parallel channels,
Tj = 25°C:
RON
--
225
400
113
250
500
125
m
Nominal load current
one channel active:
two parallel channels active:
Device on PCB2),
Ta
= 85°C, Tj ≤ 150°C
IL(NOM)
1.60
2.4
1.9
2.8
--
A
Output current while GND disconnected or pulled
up; Vbb = 32 V, VIN = 0, see diagram page 8
IL(GNDhigh)
--
--
1.1
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS725L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS720L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS721L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS610L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS612N1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS620L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS621L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn